Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD100MF0MP Datasheet(PDF) 3 Page - Sharp Corporation

Part # PD100MF0MP
Description  Surface Mount Type, Opaque Resin Photodiode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD100MF0MP Datasheet(HTML) 3 Page - Sharp Corporation

  PD100MF0MP Datasheet HTML 1Page - Sharp Corporation PD100MF0MP Datasheet HTML 2Page - Sharp Corporation PD100MF0MP Datasheet HTML 3Page - Sharp Corporation PD100MF0MP Datasheet HTML 4Page - Sharp Corporation PD100MF0MP Datasheet HTML 5Page - Sharp Corporation PD100MF0MP Datasheet HTML 6Page - Sharp Corporation PD100MF0MP Datasheet HTML 7Page - Sharp Corporation PD100MF0MP Datasheet HTML 8Page - Sharp Corporation PD100MF0MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sheet No.: D1-A00301EN
3
PD100MF0MPx
■ Absolute Maximum Ratings
*1 Within 10 s (MAX.) see reflow profile in Fig. 4.
■ Electro-optical Characteristics
*1 Ev: Irradiance by CIE standard light source A (tungsten lamp)
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
20
V
Power dissipation
P
75
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +95
°C
Soldering temperature *1
Tsol
240
°C
Parameter
Symbol
Conditions *1
MIN.
TYP.
MAX.
Unit
Short circuit current
ISC
Ev = 100 lx
0.4
0.6
0.8
µA
Dark current
Id
VR = 10 V, Ev = 0
10
nA
Terminal capacitance
Ct
VR = 15 V, ƒ = 1 MHz
10
pF
Peak sensitivity wavelength
λp
850
nm
Response time (Rise)
tr
VR = 15 V, RL = 180 Ω
–10
ns
Response time (Fall)
tf
10
ns
Half intensity angle
Δθ
±20
degrees
Fig. 1 Power Dissipation vs.
Ambient Temperature
0
20
15
-30
0
25
50
75 85 100
10
30
40
50
80
70
75
60
Ambient temperature Ta (°C)
Fig. 2 Spectral Sensitivity (TYP.)
90
100
80
70
60
50
40
30
400
500
600
700
800
Wavelength
λ (nm)
900
1000 1100
20
10
0
Ta = 25°C
(Ta = 25°C)
(Ta = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com