Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4524D Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4524D
Description  18V 2A Step-Down Switching Regulator 2A Output Current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524D Datasheet(HTML) 1 Page - Semtech Corporation

  SC4524D Datasheet HTML 1Page - Semtech Corporation SC4524D Datasheet HTML 2Page - Semtech Corporation SC4524D Datasheet HTML 3Page - Semtech Corporation SC4524D Datasheet HTML 4Page - Semtech Corporation SC4524D Datasheet HTML 5Page - Semtech Corporation SC4524D Datasheet HTML 6Page - Semtech Corporation SC4524D Datasheet HTML 7Page - Semtech Corporation SC4524D Datasheet HTML 8Page - Semtech Corporation SC4524D Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
POWER MANAGEMENT
Dec. 9, 2010
18V 2A Step-Down Switching Regulator
SC4524D
Typical Application Circuit
Features
Wide input range: 3V to 18V
2A Output Current
200kHz to 2MHz Programmable Frequency
Precision 1V Feedback Voltage
Peak Current-Mode Control
Cycle-by-Cycle Current Limiting
Hiccup Overload Protection with Frequency Foldback
Soft-Start and Enable
Thermal Shutdown
Thermally Enhanced 8-pin SOIC Package
Fully RoHS and WEEE compliant
Applications
XDSL and Cable Modems
Set Top Boxes
Point of Load Applications
CPE Equipment
DSP Power Supplies
LCD and Plasma TVs
Description
The SC4524D is a constant frequency peak current-mode
step-down switching regulator capable of producing 2A
output current from an input ranging from 3V to 18V. The
switching frequency of the SC4524D is programmable
up to 2MHz, allowing the use of small inductors and
ceramic capacitors for miniaturization, and high input/
output conversion ratio. The SC4524D is suitable for
next generation XDSL modems, high-definition TVs and
various point of load applications.
Peak current-mode PWM control employed in the
SC4524Dachievesfasttransientresponsewithsimpleloop
compensation. Cycle-by-cycle current limiting and hiccup
overload protection reduces power dissipation during
output overload. Soft-start function reduces input start-
up current and prevents the output from overshooting
during power-up.
The SC4524D is available in SOIC-8 EDP package.
Figure 1. 1MHz 10V-16V to 5V/2A Step-down Converter
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
Load Current (A)
SS270 REV 4
VIN = 12V
SC4524D
GND
IN
SW
BST
L1
6.8 H
C1
0.33 F
SS/EN
COMP
FB
D2
20BQ030
25.5k
R6
102k
10nF
C8
10pF
C5
1nF
L1: Wurth 744 778 9006
OUT
5V/2A
D1
1N4148
10V – 16V
ROSC
C2: Murata GRM31CR60J226K
C4
2.2 F
C4: Murata GRM31CR61E225K
VIN
C2
22 F
C7
R4
15.8k
R5
30.1k
R7


Similar Part No. - SC4524D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4524AEVB SEMTECH-SC4524AEVB Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4524AEVB SEMTECH-SC4524AEVB Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
More results

Similar Description - SC4524D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
2A/18V/300KHz Step-Down Voltage Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC4524B SEMTECH-SC4524B_08 Datasheet
756Kb / 18P
18V 2A Step-Down Switching Regulator
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
2A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Semtech Corporation
SC4524F SEMTECH-SC4524F Datasheet
998Kb / 23P
18V 2A Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1470 HMSEMI-HM1470 Datasheet
1Mb / 7P
18V 2A 500KHz Synchronous Step-Down Regulator
HM2259C HMSEMI-HM2259C Datasheet
1Mb / 7P
18V 2A 600KHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com