Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3003 Datasheet(PDF) 66 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 66 Page - Micrel Semiconductor

Back Button MIC3003_11 Datasheet HTML 62Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 63Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 64Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 65Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 66Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 67Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 68Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 69Page - Micrel Semiconductor MIC3003_11 Datasheet HTML 70Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
66
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
OEM Configuration 3 (OEMCFG3)
D[7]
QGPOM
read/write
D[6]
TXFPOL
read/write
D[5]
GPOD
read/write
D[4]
GPOM
read/write
D[3]
GPOC
read/write
D[2]
TXFINM
read/write
D[1]
LOSDIS
read/write
D[0]
INTCAL
read/write
Default value
0000 1000b = 08h
Serial address
A6h
Byte address
19 = 13h
This register is non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for access
to this register.
Bit
Function
Operation
D[7]
QGPOM
QGPO pin function select
0: GPO (general purpose output)
1: Reset output
D[6]
TXFPOL
TXFIN active polarity select; a fault is
indicated when TXFIN = TXFPOL
0 = The TXFIN input is active-low
1 = The TXFIN input is active-high
This bit is ignored if TXFINM = 0
D[5]
GPOD
GPO output drive
0 = GPO output is open-drain
1 = GPO output is push-pull
This bit is ignored if GPOM = 0
D[4]
GPOM
GPO/RRSOUT pin mode select
0 = RRSOUT output
1 = GPO output
D[3]
GPOC
GPO output control
0 = Set the GPO pin low
1 = Set the GPO pin high
This bit is ignored if GPOM = 0
D[2]
TXFINM
SHDN/TXFIN pin mode select
0 = SHDN output
1 = TXFIN input
D[1]
LOSDIS
RXLOS comparator and output disable
0 = RXLOS fault enabled, and the RXLOS output is enabled
for normal operation
1 = RXLOS fault disabled; also, the RXLOS output is
disabled, and will remain low
D[0]
INTCAL
Calibration mode select
0 = External calibration mode
1 = Internal calibration.(the MIC3003’s ALU applies slope
and offset coefficients to the ALU results as necessary)
BIAS DAC Setting (APCDAC)
Current VBIAS Setting
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
20 = 14h
This register reflects (reads back) the value being sent to the BIAS DAC (APCSET0, APCSET1, or APCSET2 whichever is
selected, with temperature compensation applied).
A valid OEM password is required for access to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com