Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N40 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N40
Description  2 Amps, 400 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N40 Datasheet(HTML) 1 Page - Unisonic Technologies

  2N40 Datasheet HTML 1Page - Unisonic Technologies 2N40 Datasheet HTML 2Page - Unisonic Technologies 2N40 Datasheet HTML 3Page - Unisonic Technologies 2N40 Datasheet HTML 4Page - Unisonic Technologies 2N40 Datasheet HTML 5Page - Unisonic Technologies 2N40 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N40
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-524.a
2 Amps, 400 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 2N40 is an N-channel mode power MOSFET using
UTC’ s advanced technology to provide customers with a minimum
on-state resistance, stable off–state characteristics and superior
switching performance. It also can withstand high energy pulse in
the avalanche.
The UTC 2N40 is usually used in general purpose switching
applications, motor control circuits and switched mode power supply.
FEATURES
* High switching speed
* 2A, 400V, RDS(ON)=3.5Ω @ VGS=10V
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
2N40L-TA3-T
2N40G-TA3-T
TO-220
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 2N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N40 UTC-2N40 Datasheet
175Kb / 5P
2A, 400V N-CHANNEL POWER MOSFET
2N40-V UTC-2N40-V Datasheet
686Kb / 8P
2.0A, 400V N-CHANNEL POWER MOSFET
logo
Seme LAB
2N4000 SEME-LAB-2N4000 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
logo
Central Semiconductor C...
2N4000 CENTRAL-2N4000 Datasheet
22Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N4000 NJSEMI-2N4000 Datasheet
124Kb / 1P
NPN SWITCHING TRANSISTORS
More results

Similar Description - 2N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N40 UTC-1N40 Datasheet
173Kb / 4P
1 Amps, 400 Volts N-CHANNEL POWER MOSFET
2N50 UTC-2N50 Datasheet
173Kb / 6P
2 Amps, 500 Volts N-CHANNEL POWER MOSFET
2N65 UTC-2N65 Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
2N70 UTC-2N70 Datasheet
258Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
2 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N40 UTC-6N40 Datasheet
169Kb / 6P
6 Amps, 400 Volts N-CHANNEL POWER MOSFET
UF730 UTC-UF730_10 Datasheet
343Kb / 6P
5.5 Amps, 400 Volts N-CHANNEL POWER MOSFET
UT2N10 UTC-UT2N10 Datasheet
150Kb / 3P
2 Amps,100 Volts N-CHANNEL POWER MOSFET
2N70L UTC-2N70L Datasheet
181Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com