Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT100MF0MP1 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PT100MF0MP1
Description  Surface Mount Type, Opaque Resin Phototransistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT100MF0MP1 Datasheet(HTML) 4 Page - Sharp Corporation

  PT100MF0MP1 Datasheet HTML 1Page - Sharp Corporation PT100MF0MP1 Datasheet HTML 2Page - Sharp Corporation PT100MF0MP1 Datasheet HTML 3Page - Sharp Corporation PT100MF0MP1 Datasheet HTML 4Page - Sharp Corporation PT100MF0MP1 Datasheet HTML 5Page - Sharp Corporation PT100MF0MP1 Datasheet HTML 6Page - Sharp Corporation PT100MF0MP1 Datasheet HTML 7Page - Sharp Corporation PT100MF0MP1 Datasheet HTML 8Page - Sharp Corporation PT100MF0MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Sheet No.: D1-A01801EN
4
PT100MF0MPx
Fig. 3 Relative Collector Current vs.
Ambient Temperature
Fig. 4 Collector Current vs. Irradiance
-50
-25
-30
VCE = 5 V
Ee = 1mW/cm
2
0
20
40
60
80
100
120
140
160
100
025
50
75 85
Ambient temperature Ta (°C)
0.1
1
10
100
Irradiance Ee (mW/cm2)
VCE = 5 V
Ta = 25°C
0.1
1
10
Fig. 5 Collector Current vs.
Collector-emitter Voltage
Fig. 6 Relative Sensitivity vs.
Wavelength (TYP.)
0
9
8
7
6
5
4
3
2
1
5
1
012
9
6
3
Collector-emitter voltage VCE (V)
Ta = 25°C
0.75 mW/cm2
1 mW/cm2
0.5 mW/cm2
0.25 mW/cm2
1.5 mW/cm2
2 mW/cm2
0.1 mW/cm2
2.5 mW/cm2
Ee = 3 mW/cm2
Pc (max)
0
20
40
60
80
100
400
500
600
700
800
900
1100
1000
1200
Wavelength
λ (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com