Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT100MF1MP1 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PT100MF1MP1
Description  Phototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT100MF1MP1 Datasheet(HTML) 4 Page - Sharp Corporation

  PT100MF1MP1 Datasheet HTML 1Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 2Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 3Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 4Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 5Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 6Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 7Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 8Page - Sharp Corporation PT100MF1MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Sheet No.: D1-A01601EN
4
PT100MF1MP1
Fig. 1 Collector Power Dissipation vs.
Ambient Temperature
Fig. 2 Spectral Sensitivity
80
75
70
60
50
40
30
20
15
10
0
-25
0
25
Ambient temperature Ta (°C)
50
75 85100
80
100
60
40
20
0
400
500
600
700
800
900
1,000
1,100
Wavelength
λ (nm)
Ta = 25°C
Fig. 3 Radiation Diagram
-30°
-20°
-10°
0°
+10°
+20°
Ta = 25°C
-40°
-50°
-60°
-70°
-80°
-90°
+30°
+40°
+50°
+60°
+70°
+80°
+90°
0
Angular displacement
θ
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com