Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1740 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1740
Description  HIGH VOLTAGE DRIVER APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1740 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1740 Datasheet HTML 1Page - Unisonic Technologies 2SA1740 Datasheet HTML 2Page - Unisonic Technologies 2SA1740 Datasheet HTML 3Page - Unisonic Technologies 2SA1740 Datasheet HTML 4Page - Unisonic Technologies 2SA1740 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1740
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R208-026,B
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-200
mA
Collector Current (PULSE)
ICP
-400
mA
Collector Power Dissipation
PC
0.5
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collect-Base Breakdown Voltage
BVCBO
IC= -10μA,IE=0
-400
V
Collect-Emitter Breakdown Voltage
BVCEO
IC= -1mA,IB=0, RBE=∞
-400
V
Emitter-Base Breakdown Voltage
BVEBO
IE= -10μA,IC=0
-5
V
Collector Cutoff Current
ICBO
VCB= -300V,IE=0
-0.1
μA
Emitter Cutoff Current
IEBO
VEB= -4V,IC=0
-0.1
μA
DC Current Gain
hFE
VCE= -10V, Ic= -50mA
60
200
Collect-Emitter Saturation Voltage
VCE(SAT)
IC= -50mA,IB= -5mA
-0.8
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC= -50mA,IB= -5mA
-1.0
V
Output Capacitance
COB
VCB=-30V, f=1MHz
5
pF
Reverse Transfer Capacitance
CRE
VCB =-30V,f=1MHz
4
pF
Gain-Bandwidth Product
fT
VCE= -30V,IC= -10mA
70
MHz
Turn-On Time
tON
See test circuit
0.25
μs
Turn-Off Time
tOFF
See test circuit
5.0
μs
CLASSIFICATION OF hFE
RANK
D
E
RANGE
60-120
100-200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com