Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2S3000F Datasheet(PDF) 4 Page - Sharp Corporation

Part # S2S3000F
Description  Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S3000F Datasheet(HTML) 4 Page - Sharp Corporation

  S2S3000F Datasheet HTML 1Page - Sharp Corporation S2S3000F Datasheet HTML 2Page - Sharp Corporation S2S3000F Datasheet HTML 3Page - Sharp Corporation S2S3000F Datasheet HTML 4Page - Sharp Corporation S2S3000F Datasheet HTML 5Page - Sharp Corporation S2S3000F Datasheet HTML 6Page - Sharp Corporation S2S3000F Datasheet HTML 7Page - Sharp Corporation S2S3000F Datasheet HTML 8Page - Sharp Corporation S2S3000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
■ Electro-optical Characteristics
■ Absolute Maximum Ratings
4
S2S3 Series
Sheet No.: D2-A06501EN
Soldering area
Parameter
Symbol
Rating
Unit
Input
Output
(Ta
=25˚C)
Forward current
Reverse voltage
RMS ON-state current
Peak one cycle surge current
Repetitive peak OFF-state voltage
Isolation voltage
Operating temperature
Storage temperature
Soldering temperature
*2
*1
IF
VR
IT(rms)
Isurge
VDRM
Viso(rms)
Topr
Tstg
Tsol
mA
V
A
A
V
kV
˚C
˚C
˚C
*3
50
6
0.05
0.6
600
3.75
-30 to +100
-40 to +125
260
*1 40 to 60%RH, AC for 1minute, f
=60Hz
*2 For 10s
*3 f=50Hz sine wave
Parameter
Symbol
Unit
Input
Output
(Ta=25˚C)
Forward voltage
Reverse current
Repentitive peak OFF-state current
ON-state voltage
Holding current
Critical rate of rise of OFF-state voltage
Minimum trigger current
Isolation resistance
Turn-on time
VF
IR
IDRM
VT
IH
dV/dt
IFT
RISO
ton
V
µA
µA
V
mA
V/
µs
mA
Ω
µs
IF
=20mA
VR
=3V
VD
=VDRM
IT
=0.05A
VD
=6V
VD
=1/√
−
2 ·VDRM
VD
=6V, RL=100Ω
DC500V,40 to 60%RH
VD
=6V, RL=100Ω, IF=20mA
Conditions
−
−
−
−
0.1
100
−
−
−
5
×10
10
−
1.2
−
−
−
−
1 000
−
−
−
1011
−
1.4
10
1
2.5
3.5
−
10
7
5
−
100
MIN.
TYP.
MAX.
Transfer
charac-
teristics
No rank
Rank R
Rank L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com