Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2S4LB0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # S2S4LB0F
Description  Zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S4LB0F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button S2S4LB0F Datasheet HTML 2Page - Sharp Corporation S2S4LB0F Datasheet HTML 3Page - Sharp Corporation S2S4LB0F Datasheet HTML 4Page - Sharp Corporation S2S4LB0F Datasheet HTML 5Page - Sharp Corporation S2S4LB0F Datasheet HTML 6Page - Sharp Corporation S2S4LB0F Datasheet HTML 7Page - Sharp Corporation S2S4LB0F Datasheet HTML 8Page - Sharp Corporation S2S4LB0F Datasheet HTML 9Page - Sharp Corporation S2S4LB0F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Fig.4 Minimum Trigger Current vs.
Ambient Temperature
Fig.5 Relative Repetitive Peak OFF-state
Voltage vs. Ambient Temperature
Fig.6 ON-state Voltage vs.
Ambient Temperature
Fig.3 Forward Current vs. Forward Voltage
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Fig.1 Forward Current vs.
Ambient Temperature
6
S2S4 Series
Sheet No.: D2-A06601EN
0
10
20
30
40
50
60
−30
0
50
100
Ambient temperature Ta (˚C)
1
5
10
01
0.5
1.5
2
2.5
3
50
100
Forward voltage VF (V)
Ta=100˚C
25˚C
75˚C
50˚C
0˚C
−30˚C
0
10
20
30
40
50
60
−30
0
50
100
Ambient temperature Ta (˚C)
0
2
4
6
10
8
12
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD
=6V
RL
=100Ω
0.8
1.2
1
1.4
1.6
1.8
2
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
IT
=50mA
0.7
1.3
1.2
1.1
1
0.9
0.8
−40
−20
0
20
40
60
80
100
Ambient temperature Ta (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com