Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3647 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3647
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3647 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3647_09 Datasheet HTML 1Page - Unisonic Technologies 2SC3647_09 Datasheet HTML 2Page - Unisonic Technologies 2SC3647_09 Datasheet HTML 3Page - Unisonic Technologies 2SC3647_09 Datasheet HTML 4Page - Unisonic Technologies 2SC3647_09 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3647
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 5
5
www.unisonic.com.tw
QW-R208-039,C
ABSOLUATE MAXIUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
120
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
2
A
Collector Current (Pulse)
ICP
3
A
Collector Dissipation
PC
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC = 10μA, IE =0
120
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = 1mA, RBE =∞
100
V
Emitter-Base Breakdown Voltage
BVEBO
IE = 10μA, IC=0
6
V
Collector Cutoff Current
ICBO
VCB = 100V, IE =0
100
nA
Emitter Cutoff Current
IEBO
VEB = 4V, IC =0
100
nA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC = 1A, IB = 100mA
0.13
0.4
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC = 1A, IB = 100mA
0.85
1.2
V
Output Capacitance
Cob
VCB = 10V, f =1MHz
16
pF
DC Current Gain
hFE
VCE = 5V, IC = 100mA
100
400
Turn-ON Time
tON
See specified Test Circuit.
80
ns
Storage Time
tSTG
See specified Test Circuit.
1000
ns
Fall Time
tF
See specified Test Circuit.
50
ns
Gain-Bandwidth Product
fT
VCE = 10V, IC = 100mA
120
MHz
■
CLASSIFICATION OF hFE
RANK
R
S
T
RANGE
100 ~ 200
140 ~ 280
200 ~ 400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com