Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3647 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2SC3647
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3647 Datasheet(HTML) 5 Page - Unisonic Technologies

  2SC3647 Datasheet HTML 1Page - Unisonic Technologies 2SC3647 Datasheet HTML 2Page - Unisonic Technologies 2SC3647 Datasheet HTML 3Page - Unisonic Technologies 2SC3647 Datasheet HTML 4Page - Unisonic Technologies 2SC3647 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SC3647
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
5 of 5
5
www.unisonic.com.tw
QW-R208-039,C
■
TYPICAL CHARACTERICS(Cont.)
0.01
Collector to Emitter Voltage, VCE (V)
7
10
100
1.0
0.1
A S O
2
3
5
7
1.0
35
3
5
2
2
ICP
3
3
Collector Current, IC (A)
7
0.1
1.0
10
VBE (sat) -IC
2
3
5
7
0.01 23
5 7
2
5 7
2
3
IC/IB = 10
Ta = -25°C
25°C 7
5°C
5
7
1.0
2
3
5
7
2
3
5
7
5
2
57
7
IC
One Pulse - Ta = 25°C
Mounted on ceramic board
(250mm × 0.8mm)
DC
Op
era
tion
100
ms
10m
s
1m
s
0
1.0
Ambient Temperature, Ta (°C)
0.2
0
60
140
1.8
1.2
0.6
20
100
160
PC -Ta
Infinite
heat sin
k
80
1.6
0.8
0.4
120
40
1.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com