Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5305 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SC5305
Description  HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5305 Datasheet(HTML) 4 Page - Unisonic Technologies

  2SC5305 Datasheet HTML 1Page - Unisonic Technologies 2SC5305 Datasheet HTML 2Page - Unisonic Technologies 2SC5305 Datasheet HTML 3Page - Unisonic Technologies 2SC5305 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UTC2SC5305
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
www.unisonic.com.tw
QW-R219-003,A
Reverse Recovery Time
Forward Diode Voltage
0.01
0.1
FORWARD DIODE CURRENT, I F (A)
1
10
10
1.0
0.8
FORWARD CURRENT, IF(A)
1.5
1.0
2.0
1.6
1
1.4
1.2
0.1
Safe Operating Area
Power Derating
10
0.01
COLLECTOR-EMITTER VOLTAGE, V CE (V)
1000
100
25
0
CASE TEMPERATURE, T C ()
℃
100
20
175
100
1
80
60
100
DC
10μs
1μs
1ms
5ms
10
0.1
40
050
75
125
150
UTC assum es no responsibility for equipm ent failures that result from using products at values that
exceed, even m om entarily, rated values (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com