Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD880 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD880
Description  NPN EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD880 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD880 Datasheet HTML 1Page - Unisonic Technologies 2SD880 Datasheet HTML 2Page - Unisonic Technologies 2SD880 Datasheet HTML 3Page - Unisonic Technologies 2SD880 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD880
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-013.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
7
V
Collector Current
IC
3
A
Base Current
IB
0.5
A
Power Dissipation
PD
30
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=50mA, IE=0
60
V
Collector Cut-Off Current
ICBO
VCB=60V, IE=0
100
µA
Emitter Cut-Off Current
IEBO
VEB=7V, IC=0
100
µA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=3A, IB=300mA
1
V
Base-Emitter Saturation Voltage
VBE(ON)
VCE=5V, IC=500mA
1
V
DC Current Gain
hFE
IC=500mA, VCE=5V
100
200
Current gain bandwidth product
fT
VCE=5V, IC=500mA
3
MHZ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com