Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1802 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1802
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1802 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1802 Datasheet HTML 1Page - Unisonic Technologies 2SD1802 Datasheet HTML 2Page - Unisonic Technologies 2SD1802 Datasheet HTML 3Page - Unisonic Technologies 2SD1802 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC2SD1802 NPN EPITAXIAL PLANAR SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R209-001,A
HIGH CURRENT SWITCHING
APPLICATION
DESCRIPTION
The UTC 2SD1802 applies to voltage regulators, relay
drivers, lamp drivers, and electrical equipment.
FEATURES
*Adoption of FBET, MBIT processes
*Large current capacity and wide ASO
*Low collector-to-emitter saturation voltage
*Fast switching speed
TO-252
1
1: BASE 2: COLLECTOR 3: EMITTER
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Collector Power Dissipation
Tc=25
°C
Pc
1
15
W
W
Collector Current(DC)
Ic
3
A
Collector Current(PULSE)
Icp
6
A
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cutoff Current
ICBO
VCB=40V,IE=0
1
µA
Emitter Cutoff Current
IEBO
VEB=4V,IC=0
1
µA
DC Current Gain (note)
hFE1
hFE2
VCE=2V, Ic=100mA
VCE=2V, Ic=3A
100
35
560
Gain-Bandwidth Product
fT
VCE=10V,IC=50mA
150
MHz
Output Capacitance
Cob
VCB=10V,f=1MHz
25
pF
C-E Saturation Voltage
VCE(sat)
IC=2A,IB=100mA
0.19
0.5
V
B-E Saturation Voltage
VBE(sat)
IC=2A,IB=100mA
0.94
1.2
V
C-B Breakdown Voltage
V(BR)CBO
IC=10µA,IE=0
60
V
C-E Breakdown Voltage
V(BR)CEO
IC=1mA,RBE=∞
50
V
E-B Breakdown Voltage
V(BR)EBO
IE=10µA,IC=0
6
V
Turn-on Time
ton
See test circuit
70
ns


Similar Part No. - 2SD1802

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1802 SANYO-2SD1802 Datasheet
128Kb / 4P
High-Current Switching Applications
logo
Weitron Technology
2SD1802 WEITRON-2SD1802 Datasheet
243Kb / 4P
NPN PLASTIC ENCAPSULATE TRANSISTORS
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
logo
TRANSYS Electronics Lim...
2SD1802 TEL-2SD1802 Datasheet
95Kb / 2P
Plastic-Encapsulated Transistors
logo
Unisonic Technologies
2SD1802 UTC-2SD1802 Datasheet
179Kb / 3P
HIGH CURRENT SWITCHING APPLICATION
More results

Similar Description - 2SD1802

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202 Datasheet
109Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802 Datasheet
300Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SD1803 UTC-2SD1803 Datasheet
127Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SA1012 UTC-2SA1012_10 Datasheet
327Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_10 Datasheet
266Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1804 UTC-2SD1804_09 Datasheet
204Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1624 UTC-2SD1624_11 Datasheet
240Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
2SD1802 UTC-2SD1802_11 Datasheet
179Kb / 3P
HIGH CURRENT SWITCHING APPLICATION
2SB1202 UTC-2SB1202_15 Datasheet
266Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com