Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB0807-2R2K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RB0807-2R2K-RC
Description  Radial Bobbin Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB0807-2R2K-RC Datasheet(HTML) 1 Page - Allied Components International

  RB0807-2R2K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
40
40
40
40
40
30
30
30
30
25
20
20
17
15
13
12
11
10
9
8
7
6
5
5
4.5
4.5
3.5
2.9
2.7
2.6
2.6
2.6
2.3
2.1
1.8
1.5
1.2
1.1
RB0807-2R2K-RC
RB0807-2R7K-RC
RB0807-3R3K-RC
RB0807-3R9K-RC
RB0807-4R7K-RC
RB0807-5R6K-RC
RB0807-6R8K-RC
RB0807-8R2K-RC
RB0807-100K-RC
RB0807-120K-RC
RB0807-150K-RC
RB0807-180K-RC
RB0807-220K-RC
RB0807-270K-RC
RB0807-330K-RC
RB0807-390K-RC
RB0807-470K-RC
RB0807-560K-RC
RB0807-680K-RC
RB0807-820K-RC
RB0807-101K-RC
RB0807-121K-RC
RB0807-151K-RC
RB0807-181K-RC
RB0807-221K-RC
RB0807-271K-RC
RB0807-331K-RC
RB0807-391K-RC
RB0807-471K-RC
RB0807-561K-RC
RB0807-681K-RC
RB0807-821K-RC
RB0807-102K-RC
RB0807-122K-RC
RB0807-152K-RC
RB0807-182K-RC
RB0807-222K-RC
RB0807-272K-RC
RB0807-332K-RC
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
RB0807 Radial Bobbin Inductors
•
•
•
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.012
0.014
0.017
0.020
0.024
0.028
0.033
0.035
0.040
0.050
0.065
0.078
0.100
0.110
0.120
0.160
0.190
0.210
0.280
0.330
0.400
0.450
0.510
0.700
0.800
0.900
1.16
1.31
1.75
1.95
2.20
3.00
3.40
4.50
5.20
5.80
8.00
8.90
11.8
6.00
5.50
5.00
4.50
4.20
4.00
3.60
3.30
3.10
2.80
2.50
2.30
2.10
1.90
1.70
1.60
1.45
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.65
0.60
0.55
0.45
0.40
0.38
0.35
0.32
0.30
0.28
0.25
0.22
0.20
0.18
0.15
5.00
4.60
4.20
3.70
3.50
3.40
3.20
3.00
3.00
2.50
2.25
2.07
1.90
1.70
1.50
1.45
1.30
1.20
1.10
1.00
0.90
0.80
0.72
0.63
0.60
0.55
0.50
0.40
0.36
0.35
0.31
0.29
0.25
0.24
0.21
0.20
0.18
0.17
0.14
7.50
6.54
5.97
5.26
4.98
4.83
4.55
4.27
4.20
3.56
3.20
2.94
2.70
2.42
2.13
2.06
1.85
1.71
1.56
1.42
1.30
1.14
1.02
0.90
0.85
0.78
0.71
0.57
0.51
0.50
0.44
0.41
0.40
0.34
0.30
0.28
0.26
0.24
0.19
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
Irms (A)
40ºC Rise
All specifications subject to change without notice.
Small Foot Print.
Extensive Inductance Range
UL Polyolefin Tubing
Features
Electrical
Inductance Range: 2.2 uh ~ 18,000uh
Physical
Packaging: 600 pieces per bag.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
1.0
RB0807-392K-RC
3900
10
13.1
0.12
0.11
0.16
Tolerance: 10% over entire range.
Test Frequency: 100KHz, .01V
Irms: Current at which the temperature
Marking: EIA Inductance Code
REVISED 09/20/10
Isat
(A)
20ºC Rise
.346
(8.8)
MAX.
.295
(7.5)
MAX.
.197±.039
(5.00±1.0)
.197±.020
(5.00±0.5)
.026±.002
(0.65±0.05)
Operating Temperature: -55ºC to +
Isat: Based on Inductance change by
no more than 10% of initial value.
of the part will increase by 20º and 40º
as shown from 25º ambient.
Under no circumstances should the
temperature of the part increase to more
than 125ºC
Test Equipment
Inductance: HP4284A.
DCR: CH-301 Current Source & DCR
Meter
Current: CH-301 Current Source & DCR
SRF: 9461L
Meter
125ºC.
1.0
0.9
0.8
0.7
0.7
0.6
0.5
RB0807-472K-RC
RB0807-562K-RC
RB0807-682K-RC
RB0807-822K-RC
RB0807-103K-RC
RB0807-123K-RC
RB0807-153K-RC
4700
5600
6800
8200
10000
12000
15000
10
10
10
10
10
10
10
17.6
19.6
27.0
30.0
34.0
46.0
53.0
0.10
0.10
0.10
0.10
0.10
0.08
0.06
0.10
0.10
0.10
0.10
0.10
0.10
0.08
0.15
0.15
0.14
0.14
0.13
0.13
0.11
0.5
RB0807-183K-RC
18000
10
56.0
0.05
0.08
0.10


Similar Part No. - RB0807-2R2K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB0807-2R2K-RC ALLIED-RB0807-2R2K-RC Datasheet
383Kb / 1P
Radial Bobbin Inductors
More results

Similar Description - RB0807-2R2K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
Radial Bobbin Inductors
RB20 ALLIED-RB20 Datasheet
795Kb / 1P
Radial Bobbin Inductors
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
Radial Bobbin Inductors
RB0810 ALLIED-RB0810 Datasheet
363Kb / 1P
Radial Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com