Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N60L-X-TQ3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4N60L-X-TQ3-R
Description  4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60L-X-TQ3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  4N60L-X-TQ3-R Datasheet HTML 1Page - Unisonic Technologies 4N60L-X-TQ3-R Datasheet HTML 2Page - Unisonic Technologies 4N60L-X-TQ3-R Datasheet HTML 3Page - Unisonic Technologies 4N60L-X-TQ3-R Datasheet HTML 4Page - Unisonic Technologies 4N60L-X-TQ3-R Datasheet HTML 5Page - Unisonic Technologies 4N60L-X-TQ3-R Datasheet HTML 6Page - Unisonic Technologies 4N60L-X-TQ3-R Datasheet HTML 7Page - Unisonic Technologies 4N60L-X-TQ3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-061,N
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
13
35
ns
Turn-On Rise Time
tR
45
100
ns
Turn-Off Delay Time
tD(OFF)
25
60
ns
Turn-Off Fall Time
tF
VDD = 300V, ID = 4.0A, RG = 25Ω
(Note 1, 2)
35
80
ns
Total Gate Charge
QG
15
20
nC
Gate-Source Charge
QGS
3.4
nC
Gate-Drain Charge
QGD
VDS= 480V,ID= 4.0A, VGS= 10 V
(Note 1, 2)
7.1
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 4.4 A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
4.4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
17.6
A
Reverse Recovery Time
tRR
250
ns
Reverse Recovery Charge
QRR
VGS = 0 V, IS = 4.4 A,
dIF/dt = 100 A/μs (Note 1)
1.5
μC
Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com