Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C47 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 82C47
Description  VOLTAGE DETECTORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82C47 Datasheet(HTML) 1 Page - Unisonic Technologies

  82C47 Datasheet HTML 1Page - Unisonic Technologies 82C47 Datasheet HTML 2Page - Unisonic Technologies 82C47 Datasheet HTML 3Page - Unisonic Technologies 82C47 Datasheet HTML 4Page - Unisonic Technologies 82C47 Datasheet HTML 5Page - Unisonic Technologies 82C47 Datasheet HTML 6Page - Unisonic Technologies 82C47 Datasheet HTML 7Page - Unisonic Technologies 82C47 Datasheet HTML 8Page - Unisonic Technologies 82C47 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
UNISONIC TECHNOLOGIES CO., LTD
82CXX
CMOS IC
www.unisonic.com.tw
1 of 20
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R119-005,G
VOLTAGE DETECTORS
DESCRIPTION
The UTC 82CXX series are good performance 3-terminals
voltage detectors and manufactured by CMOS technologies with
highly accurate, low power consumption. The detection voltage is
extremely accurate with minimal temperature drift.
FEATURES
*High-accuracy detection voltage : ±2%
*Detect voltage range : 0.9V to 6.2V in 0.1V increments
*Detect voltage temperature characteristics: TYP. ±100ppm/°С.
*Wide operating voltage range : 0.7V to 10.0V
*Low current consumption : TYP 0.7μA(at VIN=1.5V)
SOT-23
1
2
3
SOT-25
1
3
5
2
4
TO-92
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen-Free
Package
1
2
3
4
5
Packing
82CxxL-AE3-5-R
82CxxG-AE3-5-R
SOT-23
G
O
I
-
-
Tape Reel
82CxxL-AF5-R
82CxxG-AF5-R
SOT-25
O
I
G
N
N
Tape Reel
82CxxL-T92-D-B
82CxxG-T92-D-B
TO-92
I
G
O
-
-
Tape Box
82CxxL-T92-D-K
82CxxG-T92-D-K
TO-92
I
G
O
-
-
Bulk
Note: 1. Pin assignment: I:VIN O:VOUT G:VSS N:NC
2.xx: Output Voltage, refer to Marking Information


Similar Part No. - 82C47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82C431 ETC1-82C431 Datasheet
4Mb / 79P
ENHANCED GRAPHICS CHIPSET-TM
82C432A ETC1-82C432A Datasheet
4Mb / 79P
ENHANCED GRAPHICS CHIPSET-TM
82C433 ETC1-82C433 Datasheet
4Mb / 79P
ENHANCED GRAPHICS CHIPSET-TM
82C434A ETC1-82C434A Datasheet
4Mb / 79P
ENHANCED GRAPHICS CHIPSET-TM
82C435 ETC1-82C435 Datasheet
4Mb / 82P
ENHANCED GRAPHICS CONTROLLER / BUS INTERFACE
More results

Similar Description - 82C47

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com