Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5302 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 5302
Description  HIGH VOLTAGE NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5302 Datasheet(HTML) 2 Page - Unisonic Technologies

  5302 Datasheet HTML 1Page - Unisonic Technologies 5302 Datasheet HTML 2Page - Unisonic Technologies 5302 Datasheet HTML 3Page - Unisonic Technologies 5302 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5302
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R213-020.A
ABSOLUTE MAXIMUM RATING (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
800
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
2
A
Collector Peak Current (tp<5ms)
ICM
4
A
Base Current
IB
1
A
Base Peak Current (tp<5ms)
IBM
2
A
Power Dissipation (TC≤25°С)
PD
25
W
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
100
°С/W
Junction to Case
θJC
5
°С/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com