Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3308 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BA3308
Description  DUAL PREAMPLIFIER WITH ALC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA3308 Datasheet(HTML) 3 Page - Unisonic Technologies

  BA3308 Datasheet HTML 1Page - Unisonic Technologies BA3308 Datasheet HTML 2Page - Unisonic Technologies BA3308 Datasheet HTML 3Page - Unisonic Technologies BA3308 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BA3308
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R107-015.Ba
ABSOLUTE MAXIMUM RATING (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
16
V
SIP-9
950
Power Dissipation
SOP-14
450
mW
SIP-9
9.5
Derating above Ta = 25℃
SOP-14
PD
4.5
℃
/mW
Operating Temperature
TOPR
0 ~ +85
℃
Storage Temperature
TSTG
-65 ~ +125
℃
RECOMMENDED OPERATING CONDITIONS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
+4.5~ +14
V
Note: This IC is not designed to be radiation-resistant.
ELECTRICAL CHARACTERISTICS
(Ta =25℃, VCC =7.0V, f =1kHz and BPF: 20Hz ~ 20kHz, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Output Voltage
VOM
THD=1%
0.6
1.2
Vrms
Input Conversion Noise Voltage
VNIN
Conversion with Rg=2.2kΩ and
NAB34dB at 1kHz
1.0
2.0
μVrms
Quiescent Current
IQ
VIN =0Vrms
1.5
3.3
4.5
mA
Input Resistance
RIN
15
31.5
45
kΩ
Total Harmonic Distortion
THD
NAB34dB, VOUT =40mVrms
0.1
0.3
%
Open Loop Voltage Gain
GVO
VOUT = −10dBV
70
80
dB
ALC Range
ALC
RG =3.9kΩ, VIN =−70dBV
reference, THD=3%
40
70
dB
ALC Channel Balance
∆ALC
VIN = −60dBV, −30dBV
0
2.5
dB
Channel Separation
CS
VO =0dBV, NAB34dB
60
75
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com