Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB178 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BB178
Description  VHF VARIABLE CAPACITANCE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BB178 Datasheet(HTML) 1 Page - Unisonic Technologies

  BB178 Datasheet HTML 1Page - Unisonic Technologies BB178 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BB178
Preliminary
DIODE
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R601-032.a
VHF VARIABLE CAPACITANCE
DIODE
DESCRIPTION
The UTC BB178 is a planar technology variable capacitance
diode providing the designers excellent matching performance,
ultra-low series resistance and great linearity.
The UTC BB178 is suitable for VCO (Voltage Controlled
Oscillators) and Electronic tuning in VHF (Very High Frequency)
tuners.
FEATURES
* Excellent matching to 2% DMA
* Ultra low series resistance.
* Great linearity
* C28: 2.6 pF; ratio: 15
SOD-523
1
2
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
BB178L-CC2-R
BB178G-CC2-R
SOD-523
A
K
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
MARKING
78
G: Halogen Free
L : Lead Free


Similar Part No. - BB178

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB178 PHILIPS-BB178 Datasheet
49Kb / 8P
VHF variable capacitance diode
1997 Nov 13
logo
Leshan Radio Company
BB178 LRC-BB178 Datasheet
155Kb / 2P
VHF variable capacitance diode
logo
NXP Semiconductors
BB178 NXP-BB178 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BB178LX PHILIPS-BB178LX Datasheet
48Kb / 7P
UHF variable capacitance diode
Rev. 01-14 April 2006
BB178LX NXP-BB178LX Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 02-12 February 2009
More results

Similar Description - BB178

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB187 LRC-BB187 Datasheet
140Kb / 2P
VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
VHF variable capacitance diode
2002 Mar 05
BB181 NXP-BB181 Datasheet
226Kb / 6P
VHF variable capacitance diode
Rev. 02-2 January 2008
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-29 January 2009
logo
Quanzhou Jinmei Electro...
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
VHF variable capacitance diode
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
VHF variable capacitance diode
logo
NXP Semiconductors
BB173 NXP-BB173 Datasheet
86Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com