Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB179G-CC2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BB179G-CC2-R
Description  UHF VARIABLE CAPACITANCE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BB179G-CC2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  BB179G-CC2-R Datasheet HTML 1Page - Unisonic Technologies BB179G-CC2-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BB179
Preliminary
DIODE
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R601-033.a
UHF VARIABLE CAPACITANCE
DIODE
DESCRIPTION
The UTC BB179 is a planar technology variable capacitance
diode providing the designers excellent matching performance, low
series resistance and great linearity.
The UTC BB179 is suitable for VCO (Voltage Controlled
Oscillators) and Electronic tuning in UHF (Very High Frequency)
tuners.
FEATURES
* Excellent matching to 2% DMA
* Low series resistance.
* Great linearity
* C28: 2.1 pF; ratio: 9
SOD-523
1
2
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
BB179L-CC2-R
BB179G-CC2-R
SOD-523
A
K
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
MARKING
79
G: Halogen Free
L : Lead Free


Similar Part No. - BB179G-CC2-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB179 PHILIPS-BB179 Datasheet
48Kb / 8P
UHF variable capacitance diode
1997 Nov 13
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
UHF variable capacitance diode
logo
NXP Semiconductors
BB179 NXP-BB179 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BB179B PHILIPS-BB179B Datasheet
48Kb / 8P
UHF variable capacitance diode
1997 Nov 13
logo
Leshan Radio Company
BB179B LRC-BB179B Datasheet
136Kb / 2P
UHF variable capacitance diode
More results

Similar Description - BB179G-CC2-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB135 PHILIPS-BB135 Datasheet
53Kb / 8P
UHF variable capacitance diode
1998 Sep 15
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
UHF variable capacitance diode
1996 Sep 20
BB149 PHILIPS-BB149 Datasheet
54Kb / 8P
UHF variable capacitance diode
1998 Sep 15
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
UHF variable capacitance diode
1997 Dec 17
BB159 PHILIPS-BB159 Datasheet
29Kb / 4P
UHF variable capacitance diode
1996 Oct 03
BB215 PHILIPS-BB215 Datasheet
28Kb / 4P
UHF variable capacitance diode
1996 May 03
BB405B PHILIPS-BB405B Datasheet
30Kb / 4P
UHF variable capacitance diode
1996 May 03
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
UHF variable capacitance diode
logo
NXP Semiconductors
BB149 PHILIPS-BB149_04 Datasheet
43Kb / 7P
UHF variable capacitance diode
Rev. 05-4 October 2004
BB179BLX NXP-BB179BLX Datasheet
57Kb / 7P
UHF variable capacitance diode
Rev. 01-29 January 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com