Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8020G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L8020G-S08-R
Description  DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8020G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L8020G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8020G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8020G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8020G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L8020
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R123-015.a
DUAL POLARISATION SWITCH
TWIN LNB MULTIPLEX
CONTROLLER
DESCRIPTION
The UTC L8020 dual polarisation switch controller is one of a
wide range of satellite receiver LNB support circuits. Its features
include completely independent channels, and every channel
provides two logic outputs under the voltage sensitive input. The
two inputs of the UTC L8020 have a nominal threshold of 14.5V.
Their threshold is temperature compensated to minimize drift. In
order to achieve the transient protection by adding only a single
resistor per channel, each input has a low and stable input current.
Normal and inverted outputs are provided for each input. All
outputs can source 15mA and sink 10mA making them suitable to
drive TTL and CMOS logic, pin diodes and for IF-amp supply
switching.
The UTC L8020 works in a single supply ranging from 5V
to12V. The quiescent current of the UTC L8020 is 4mA, and there
is no remarkable change with load or logic state. In order to adapt
the variation of environmental conditions, the ambient operating
temperature is -40°C~+85°C.
The UTC L8020 can be used in applications, such as IF switch
box, LNB switch boxes and twin LNBs, replacing many discrete
components to save both manufacturing cost and PCB size as well
as improving reliability.
FEATURES
* Avoid external components
* Provides polarity detection and control
* Transient resistant
* Low input and supply current
* Temperature compensated input threshold
* Normal and inverted output available while
wide supply operating range
* Dual polarisation switch
* Simplify the design
* Halogen Free
ORDERING INFORMATION
Ordering Number
Package
Packing
L8020G-S08-R
SOP-8
Tape Reel


Similar Part No. - L8020G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8020G-S08-R UTC-L8020G-S08-R Datasheet
144Kb / 4P
DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
L8020G-S08-R UTC-L8020G-S08-R Datasheet
162Kb / 4P
DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
More results

Similar Description - L8020G-S08-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB100 ZETEX-ZLNB100 Datasheet
78Kb / 5P
DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
ZLNB101 ZETEX-ZLNB101 Datasheet
77Kb / 5P
DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
ZLNB2001 ZETEX-ZLNB2001 Datasheet
168Kb / 12P
DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2013 ZETEX-ZLNB2013 Datasheet
165Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB100 DIODES-ZLNB100 Datasheet
89Kb / 5P
DUAL POLARISATION SWITCH TWIN LNB
NOVEMBER 1998
ZLNB101 DIODES-ZLNB101 Datasheet
89Kb / 5P
DUAL POLARISATION SWITCH TWIN LNB
JANUARY 2001
ZLNB2013 DIODES-ZLNB2013 Datasheet
179Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
AUGUST 2005
logo
Unisonic Technologies
L8020 UTC-L8020_12 Datasheet
144Kb / 4P
DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
L8020 UTC-L8020_15 Datasheet
162Kb / 4P
DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com