Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIR05AF-30 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LIR05AF-30
Description  LED LAMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LIR05AF-30 Datasheet(HTML) 2 Page - Unisonic Technologies

  LIR05AF-30 Datasheet HTML 1Page - Unisonic Technologies LIR05AF-30 Datasheet HTML 2Page - Unisonic Technologies LIR05AF-30 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LIR05AF-30
LIGHT EMITTING DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R125-004.A
ABSOLUTE MAXIMUM RATINGS (Ta=25 )
℃
PARAMETER
SYMBOL
RATINGS
UNIT
Reverse Voltage
VR
5
V
Forward Current
IF
100
mA
Peak Forward Current (Pulse Test)
IFM
1000
mA
Power Dissipation
PD
150
mW
Operation Temperature
TOPR
-25 ~+85
℃
Storage Temperature
TSTG
-40 ~ +85
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL OPTICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VF
IF=20mA
1.2
1.45
V
Forward Voltage
VF
IF=200mA
1.42
V
Reverse Current
IR
VR=5V
10
µA
Peak Wavelength
λp
IF=20mA
940
nm
Spectral Radiation Bandwidth
∆λ
IF=20mA
50
nm
Viewing Angle
2θ1/2
30
Deg
Raise Time
tR
IF=20mA
2
µs
Fall Time
tF
IF=20mA
1
µs
60
Luminous Intensity
Ie
IF=100mA,
tP=20ms
80
mW/sr



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com