Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFC22N60P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFC22N60P
Description  PolarHV HiPerFET Power MOSFET ISOPLUS220
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC22N60P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFC22N60P Datasheet HTML 1Page - IXYS Corporation IXFC22N60P Datasheet HTML 2Page - IXYS Corporation IXFC22N60P Datasheet HTML 3Page - IXYS Corporation IXFC22N60P Datasheet HTML 4Page - IXYS Corporation IXFC22N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXFC 22N60P
Fig. 2. Exte nde d Output Characte ris tics
@ 25
ºC
0
5
10
15
20
25
30
35
40
45
0
3
6
9
12
15
18
21
24
27
30
VD S - Volts
VGS = 10V
9V
8V
6V
7.5V
7V
6.5V
Fig. 3. Output Characte ris tics
@ 125
ºC
0
2
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8
10
1214
1618
20
V D S - Volts
VGS = 10V
8V
7V
5.5V
5V
6V
6.5V
Fig. 1. Output Characte ris tics
@ 25
ºC
0
2
4
6
8
10
12
14
16
18
20
22
01
23
45
6
7
8
9
VD S - Volts
VGS = 10V
8V
7V
6V
7.5V
Fig. 4. RDS(on) Norm alized to ID = 11A
Value vs . Junction Te m pe rature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
3.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 22A
ID = 11A
VGS = 10V
Fig. 5. RDS(on) Norm alize d to
ID = 11A Value vs . Drain Curre nt
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0
5
10
15
20
25
30
35
40
45
I D - Amperes
TJ = 125º C
TJ = 25º C
VGS = 10V
Fig . 6. Dr ain Cu r r e n t vs . Cas e
Te m p e r atu r e
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com