Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFC26N50P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFC26N50P
Description  PolarHV HiPerFET Power MOSFET ISOPLUS 220
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC26N50P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFC26N50P Datasheet HTML 1Page - IXYS Corporation IXFC26N50P Datasheet HTML 2Page - IXYS Corporation IXFC26N50P Datasheet HTML 3Page - IXYS Corporation IXFC26N50P Datasheet HTML 4Page - IXYS Corporation IXFC26N50P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFC 26N50P
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = IT, pulse test
18
28
S
C
iss
3600
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
380
pF
C
rss
48
pF
t
d(on)
20
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = IT
25
ns
t
d(off)
R
G = 4 Ω (External)
58
ns
t
f
20
ns
Q
g(on)
65
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = IT
20
nC
Q
gd
20
nC
R
thJC
0.95
° C/W
R
thCS
0.21
° C/W
Source-Drain Diode
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
26
A
I
SM
Repetitive
78
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤300 µs, duty cycle d≤ 2 %
t
rr
I
F = 25 A
250 ns
-di/dt = 100 A/
µs
Q
RM
V
R = 100 V, VGS = 0 V
0.3
µC
Note: Test Current I
T = 13A
ISOPLUS220 Outline
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com