Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFC74N20P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFC74N20P
Description  PolarHT HiPerFET Power MOSFET ISOPLUS220
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC74N20P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFC74N20P Datasheet HTML 1Page - IXYS Corporation IXFC74N20P Datasheet HTML 2Page - IXYS Corporation IXFC74N20P Datasheet HTML 3Page - IXYS Corporation IXFC74N20P Datasheet HTML 4Page - IXYS Corporation IXFC74N20P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
IXFC 74N20P
Fig. 6. Dr ain C u r r e nt vs . C as e
Te m p e r atu r e
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade
Fig. 2. Exte nde d Output Char acte r is tics
@ 25
ºC
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
1012
1416
1820
V D S - V olts
VGS = 10V
9V
7V
6V
8V
5V
Fig. 3. Output Char acte r is tics
@ 150
ºC
0
10
20
30
40
50
60
70
80
01
23
456
7
V D S - V olts
VGS = 10V
9V
8V
5V
6V
7V
Fig. 1. Output Char acte r is tics
@ 25
ºC
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
V D S - V olts
VGS = 10V
9V
8V
7V
6V
5V
Fig. 4. RDS(on
) No r m aliz e d t o 0.5 ID25
V alue vs . Junction Te m pe r atur e
0.6
1
1.4
1.8
2.2
2.6
3
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
ID = 74A
ID = 37A
VGS = 10V
Fig. 5. RDS(on) Norm alize d to
0.5 ID25 V alue vs . ID
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
100 120 140 160 180 200
I D - A mperes
TJ = 175ºC
TJ = 25ºC
VGS = 10V
VGS = 15V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com