Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFX44N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX44N60
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX44N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX44N60 Datasheet HTML 1Page - IXYS Corporation IXFX44N60 Datasheet HTML 2Page - IXYS Corporation IXFX44N60 Datasheet HTML 3Page - IXYS Corporation IXFX44N60 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
600
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C44
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
176
A
I
AR
T
C
= 25
°C44
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C3
J
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
560
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
M
d
Mounting torque
TO-264
0.4/6
Nm/lb.in.
Weight
PLUS 247
6
g
TO-264
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3mA
600
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
4.5 V
I
GSS
V
GS
=
±20 V, V
DS = 0
±100 nA
I
DSS
V
DS
= V
DSS
T
J
= 25
°C
100
mA
V
GS = 0 V
T
J = 125°C2 mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
130 m
W
Note 1
Single MOSFET Die
Features
• Internationalstandardpackages
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Low package inductance
- easy to drive and to protect
• Fast intrinsic rectifier
Applications
• DC-DC converters
• Battery chargers
• Switched-modeandresonant-mode
power supplies
• DC choppers
• AC motor control
• Temperatureandlightingcontrols
Advantages
• PLUS 247TMpackage for clip or spring
mounting
• Space savings
• High power density
HiPerFETTM
Power MOSFETs
98611B (7/00)
PLUS 247TM (IXFX)
G
D
(TAB)
G = Gate
D = Drain
S = Source
TAB = Drain
IXFX 44N60
V
DSS
=
600 V
IXFK 44N60
I
D25
=44 A
R
DS(on) =
130 m
W
t
rr £ 250 ns
S
G
D
(TAB)
TO-264 AA (IXFK)
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFX44N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX44N60 IXYS-IXFX44N60 Datasheet
104Kb / 4P
HiPerFET Power MOSFETs
logo
Inchange Semiconductor ...
IXFX44N60 ISC-IXFX44N60 Datasheet
368Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFX44N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
HiPerFET Power MOSFETs
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH24N50Q IXYS-IXFH24N50Q Datasheet
134Kb / 4P
HiPerFET Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com