Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN22N120 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN22N120
Description  HiPerFET Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN22N120 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN22N120 Datasheet HTML 1Page - IXYS Corporation IXFN22N120 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
Features
•Internationalstandardpackages
•miniBLOC, with Aluminium nitride
isolation
•Low R
DS (on) HDMOS
TM process
•Rugged polysilicon gate cell structure
•Unclamped Inductive Switching (UIS)
rated
•Low package inductance
•FastintrinsicRectifier
Applications
• DC-DC converters
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• Temperature and lighting controls
Advantages
• Easy to mount
• Space savings
• High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 3 mA
1200
V
V
GH(th)
V
DS
= V
GS, ID = 8 mA
3.0
5.0
V
I
GSS
V
GS
=
±30 V
DC, VDS = 0
±200 nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C50 µA
V
GS
= 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 • ID25
0.55
Ω
Pulse test, t
≤ 300 µs,
duty cycle d
≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1200
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1200
V
V
GS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C
= 25
°C, Chip capability
22
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
88
A
I
AR
T
C
= 25
°C22
A
E
AR
T
C
= 25
°C30
mJ
dv/dt
I
S ≤ IDM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J≤ 150°C, RG = 2 Ω
P
D
T
C= 25°C
625
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
30
g
HiPerFETTM
Power MOSFETs
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low t
rr
DS98967(12/02)
D
S
G
S
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source
TAB = Drain
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
IXFN 22N120
V
DSS
= 1200V
I
D25
=
22A
R
DS(on) =
0.55
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 300ns
Advanced Technical Information


Similar Part No. - IXFN22N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN220N20X3 IXYS-IXFN220N20X3 Datasheet
153Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXFN22N120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
HiPerFET Power MOSFETs
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH24N50Q IXYS-IXFH24N50Q Datasheet
134Kb / 4P
HiPerFET Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com