Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP36-015P Datasheet(PDF) 1 Page - IXYS Corporation

Part # FMP36-015P
Description  Polar P & N-Channel Power MOSFETs Common Drain Topology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMP36-015P Datasheet(HTML) 1 Page - IXYS Corporation

  FMP36-015P Datasheet HTML 1Page - IXYS Corporation FMP36-015P Datasheet HTML 2Page - IXYS Corporation FMP36-015P Datasheet HTML 3Page - IXYS Corporation FMP36-015P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
PolarTM P & N-Channel
Power MOSFETs
Common Drain Topology
DS100034(08/08)
Symbol
Test Conditions
Maximum Ratings
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
V
ISOL
50/60HZ, RMS, t=1s, leads-to-tab
2500
V~
F
C
Mounting force
20..120 / 4.5..27
N/lb.
Symbol
Test Conditions
Characteristic Values
Min.
Typ.
Max.
C
P
Coupling capacitance between shorted
40
pF
pins and mounting tab in the case
d
S ,dA
pin - pin
1.7
mm
d
S ,dA
pin - backside metal
5.5
mm
Weight
9
g
FMP36-015P
Features
Silicon chip on Direct-Copper Bond
(DCB) substrate
- UL recognized package
- Isolated mounting surface
- 2500V electrical isolation
Avalanche rated
Low Q
G
Low Drain-to-Tab capacitance
Low package inductance
Advantages
Low gate drive requirement
High power density
Low drain to ground capacitance
Fast switching
Applications
DC and AC motor drives
Class AB audio amplifiers
Multi-phase DC to DC converters
Industrial battery chargers
Switching power supplies
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
-150
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
-150
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
- 22
A
I
DM
T
C = 25°C, pulse width limited by TJM
- 90
A
I
A
T
C = 25°C
- 36
A
E
AS
T
C = 25°C
1.5
J
P
D
T
C = 25°C
125
W
Advance Technical Information
P - CHANNEL
P CH.
N CH.
V
DSS
- 150V
150V
I
D25
- 22A
36A
R
DS(on)
110m
Ω
Ω
Ω
Ω
Ω
40m
Ω
Ω
Ω
Ω
Ω
t
rr(typ)
228ns
150ns
T2
3
5
4
1
2
T1
2
3
4
5
1
ISOPLUS i4-PakTM
1
5
Isolated Tab


Similar Part No. - FMP36-015P

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
FMP300 YAGEO-FMP300 Datasheet
122Kb / 2P
High Power Flame-Proof type
FMP300 YAGEO-FMP300 Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
logo
Goodwork Semiconductor ...
FMP3009 GWSEMI-FMP3009 Datasheet
279Kb / 4P
Plastic-Encapsulate MOSFETS
FMP3009G GWSEMI-FMP3009G Datasheet
285Kb / 4P
Plastic-Encapsulate MOSFETS
logo
YAGEO Corporation
FMP300FBE-26 YAGEO-FMP300FBE-26 Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
More results

Similar Description - FMP36-015P

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MCA002 SEME-LAB-MCA002 Datasheet
37Kb / 3P
MULTI-CHIP ARRAY 4 COMMON SOURCE P-CHANNEL MOSFETS AND 4 COMMON SOURCE N-CHANNEL MOSFETS
logo
IXYS Corporation
FMP26-02P IXYS-FMP26-02P Datasheet
111Kb / 4P
Polar P & N-Channel Power MOSFET Common Drain Topology
FMP76-010T IXYS-FMP76-010T Datasheet
112Kb / 4P
Trench P & N-Channel Power MOSFET Common Drain Topology
IXFH12N100P IXYS-IXFH12N100P Datasheet
181Kb / 4P
Polar HiPerFET Power MOSFETs
FMP76-01T IXYS-FMP76-01T Datasheet
112Kb / 4P
TrenchTM P & N-Channel Power MOSFET Common Drain Topology
logo
NIKO SEMICONDUCTOR CO.,...
PQ5G4JN NIKOSEM-PQ5G4JN Datasheet
173Kb / 4P
Common Drain N-Channel Power MOSFET
PQ5K6JN NIKOSEM-PQ5K6JN Datasheet
839Kb / 9P
Common Drain N-Channel Power MOSFET
PQ5K8JN NIKOSEM-PQ5K8JN Datasheet
650Kb / 9P
Common Drain N-Channel Power MOSFET
PQ5L2JN NIKOSEM-PQ5L2JN Datasheet
236Kb / 4P
Common Drain N-Channel Power MOSFET
logo
Vishay Siliconix
SQUN702E VISHAY-SQUN702E Datasheet
320Kb / 16P
40 V N- and P-Channel Common Drain MOSFET Pair
04-Mar-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com