Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSW3801C Datasheet(PDF) 13 Page - STANLEY ELECTRIC CO.,LTD.

Part # GSW3801C
Description  ?3 Flush Mount Type LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

GSW3801C Datasheet(HTML) 13 Page - STANLEY ELECTRIC CO.,LTD.

Back Button GSW3801C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. GSW3801C Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
φ3 Flush Mount Type LED
G□□3801C
2010.3.10
Page 13
0
10
20
30
40
-40
10
60
110
GSB
GSG
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
100
Ambient Temperature vs. Relative Intensity
Ambient Temperature : Ta(℃)
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)
Technical Data (GSB,GSG)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
2.0
2.5
3.0
3.5
4.0
-40
-20
0
20
40
60
80
100
IF=10mA
IF=2mA
IF=5mA
− GSB
− GSG
0
5
10
15
20
25
-40
-20
0
20
40
60
80
100
Duty=5%
Duty=10%
Duty=20%
Duty=50%
DC
− GSB
− GSG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com