Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1011-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1011-BD
Description  4.5-10.5 GHz GaAs MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1011-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XR1011-BD Datasheet HTML 1Page - Mimix Broadband XR1011-BD Datasheet HTML 2Page - Mimix Broadband XR1011-BD Datasheet HTML 3Page - Mimix Broadband XR1011-BD Datasheet HTML 4Page - Mimix Broadband XR1011-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4.5-10.5 GHz GaAs MMIC
Receiver
Receiver Measurements
Page 2 of 5
R1011-BD
XR1011-BD: LSB Conversion Gain (dB) vs. RF (GHz).
VD1,2,3 = 4 V, ID1+ID2 = 70 mA, ID3 = 60 mA, VG4 = - 2 V (2 mA)
0
2
4
6
8
10
12
14
16
18
20
56
78
9
10
11
12
RF (GHz) [IF = 1 GHz]
25°C
XR1011-BD: USB Conversion Gain (dB) vs. RF (GHz).
VD1,2,3 = 4 V, ID1+ID2 = 70 mA, ID3 = 60 mA, VG4 = - 2 V (2 mA)
0
2
4
6
8
10
12
14
16
18
20
56
78
9
10
11
12
RF (GHz) [IF = 1 GHz]
25°C
XR1011-BD: LSB Noise Figure (dB) vs. RF (GHz).
VD1,2,3 = 4 V, ID1+ID2 = 70 mA, ID3 = 60 mA, VG4 = - 2 V (2 mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
45
67
8
9
10
11
12
RF (GHz) [IF = 1 GHz]
25°C
XR1011-BD: USB Noise Figure (dB) vs. RF (GHz).
VD1,2,3 = 4 V, ID1+ID2 = 70 mA, ID3 = 60 mA, VG4 = - 2 V (2 mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
4
5
6
7
8
9
10
11
12
USB RF (GHz) [IF = 1 GHz]
25°C
XR1011-BD: LSB IIP3 (dB) vs. RF (GHz).
VD1,2,3 = 4 V, ID1+ID2 = 70 mA, ID3 = 60 mA, VG4 = - 2 V (2 mA)
-4
-2
0
2
4
6
8
55.5
6
6.5
77.5
8
8.5
99.5
10
10.5
11
RF (GHz) [IF = 1 GHz]
25°C
XR1011-BD: USB IIP3 (dB) vs. RF (GHz).
VD1,2,3 = 4 V, ID1+ID2 = 70 mA, ID3 = 60 mA, VG4 = - 2 V (2 mA)
-4
-2
0
2
4
6
8
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
10.5
11
RF (GHz) [IF = 1 GHz]
25°C
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2009 - Rev 11-Sep-09



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com