Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFP130N10T2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXFP130N10T2
Description  TrenchT2 HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP130N10T2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXFP130N10T2 Datasheet HTML 1Page - IXYS Corporation IXFP130N10T2 Datasheet HTML 2Page - IXYS Corporation IXFP130N10T2 Datasheet HTML 3Page - IXYS Corporation IXFP130N10T2 Datasheet HTML 4Page - IXYS Corporation IXFP130N10T2 Datasheet HTML 5Page - IXYS Corporation IXFP130N10T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXFA130N10T2
IXFP130N10T2
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
24
28
32
36
40
44
48
52
65
70
75
80
85
90
95
100
105
110
115
120
125
130
ID - Amperes
TJ = 25ºC
TJ = 125ºC
RG = 3.3Ω
VGS = 10V
VDS = 50V
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
0
50
100
150
200
250
300
34
5678
9
10
RG - Ohms
10
15
20
25
30
35
40
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 50V
I D = 130A, 65A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
10
15
20
25
30
35
40
45
50
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
10
15
20
25
30
35
40
45
50
t f
td(off) - - - -
RG = 3.3Ω, VGS = 10V
VDS = 50V
I D = 65A
I D = 130A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
20
21
22
23
24
25
26
27
28
29
65
70
75
80
85
90
95
100 105 110 115 120 125 130
ID - Amperes
10
15
20
25
30
35
40
45
50
55
t f
td(off) - - - -
RG = 3.3Ω, VGS = 10V
VDS = 50V
TJ = 25ºC
TJ = 125ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
10
15
20
25
30
35
40
45
50
55
60
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 3.3Ω
VGS = 10V
VDS = 50V
I D = 65A
I D = 130A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
10
30
50
70
90
110
130
34
56
789
10
RG - Ohms
0
30
60
90
120
150
180
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 50V
I D = 65A, 130A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com