Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFC14N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFC14N60P
Description  PolarHV HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC14N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFC14N60P Datasheet HTML 1Page - IXYS Corporation IXFC14N60P Datasheet HTML 2Page - IXYS Corporation IXFC14N60P Datasheet HTML 3Page - IXYS Corporation IXFC14N60P Datasheet HTML 4Page - IXYS Corporation IXFC14N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
600
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C8
A
I
DM
T
C = 25°C, pulse width limited by TJM
42
A
I
A
T
C = 25°C14
A
E
AS
T
C = 25°C
900
mJ
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
125
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
V
ISOL
50/60 Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting force
11..66 / 2.5..14.6
N/lb.
Weight
2
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
600
V
V
GS(th)
V
DS = VGS, ID = 2.5mA
3.0
5.5
V
I
GSS
V
GS = ±30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 125°C
500 μA
R
DS(on)
V
GS = 10V, ID = 7A, Note 1
630 m
Ω
PolarHVTM HiPerFET
Power MOSFET
(Electrically Isolated Back Surface)
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFC14N60P
V
DSS
= 600V
I
D25
= 8A
R
DS(on) ≤
≤≤≤≤ 630mΩ
Ω
Ω
Ω
Ω
DS99409F(12/08
)
t
rr
≤≤≤≤≤ 200ns
Features
UL recognized package
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Avanlache rated
Fast intrinsic diode
Advantages
Easy to mount
Space savings
High power density
Applications:
Switched-mode and resonant-mode
power supplies
DC-DC Converters
Laser Drivers
AC and DC motor drives
Robotics and servo controls
G = Gate
D = Drain
S = Source
G
D
S
ISOPLUS 220TM
E153432
Isolated Tab


Similar Part No. - IXFC14N60P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFC14N60P ISC-IXFC14N60P Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFC14N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFC36N50P IXYS-IXFC36N50P Datasheet
254Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
PolarHV HiperFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com