Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFX30N100Q2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX30N100Q2
Description  HiPerFET Power MOSFETs Q2-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX30N100Q2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX30N100Q2 Datasheet HTML 1Page - IXYS Corporation IXFX30N100Q2 Datasheet HTML 2Page - IXYS Corporation IXFX30N100Q2 Datasheet HTML 3Page - IXYS Corporation IXFX30N100Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION,All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1000
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C30
A
I
DM
T
C = 25°C, pulse width limited by TJM
120
A
I
A
T
C = 25°C30
A
E
AS
T
C = 25°C4
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
20
V/ns
P
D
T
C = 25°C
735
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting torque
(IXFK)
1.13/10
Nm/lb.in.
F
C
Mounting force
(IXFX)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
1000
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 200
nA
I
DSS
V
DS = VDSS
50
μA
V
GS = 0V
T
J = 125°C
2
mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
400
m
Ω
V
DSS
= 1000V
I
D25
= 30A
R
DS(on) ≤
≤≤≤≤ 400m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 300ns
DS99160A(5/08)
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low Q
g
Low intrinsic R
g, low trr
Features
• Double metal process for low gate
resistance
• International standard packages
• Epoxy meet UL 94 V-0, flammability
classification
• Avalanche energy and current rated
• Fast intrinsic Rectifier
Advantages
• Easy to mount
• Space savings
• High power density
HiPerFETTM
Power MOSFETs
Q2-Class
G = Gate
D = Drain
S = Source
TAB = Drain
PLUS247 (IXFX)
TO-264 (IXFK)
S
G
D
(TAB)
(TAB)
IXFK30N100Q2
IXFX30N100Q2


Similar Part No. - IXFX30N100Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX30N100Q2 IXYS-IXFX30N100Q2 Datasheet
588Kb / 4P
HiPerFET Power MOSFETs Q-Class
More results

Similar Description - IXFX30N100Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFB38N100Q2 IXYS-IXFB38N100Q2_08 Datasheet
132Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFH14N100Q2 IXYS-IXFH14N100Q2_08 Datasheet
146Kb / 4P
HiPerFET Power MOSFETs Q2-Class
IXFH40N50Q2 IXYS-IXFH40N50Q2_08 Datasheet
150Kb / 5P
HiPerFET Power MOSFETs Q2-Class
IXFK38N80Q2 IXYS-IXFK38N80Q2_08 Datasheet
141Kb / 5P
HiPerFET Power MOSFETs Q2-Class
IXFK52N60Q2 IXYS-IXFK52N60Q2_08 Datasheet
94Kb / 2P
HiPerFET Power MOSFETs Q2-Class
IXFK66N50Q2 IXYS-IXFK66N50Q2 Datasheet
129Kb / 5P
HiPerFET Power MOSFETs Q2-Class
IXFL70N60Q2 IXYS-IXFL70N60Q2 Datasheet
141Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFN70N60Q2 IXYS-IXFN70N60Q2 Datasheet
116Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFR14N100Q2 IXYS-IXFR14N100Q2 Datasheet
118Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFR38N80Q2 IXYS-IXFR38N80Q2_08 Datasheet
112Kb / 4P
HiPerFET Power MOSFET Q2-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com