Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFL38N100Q2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFL38N100Q2
Description  HiPerFET Power MOSFET Q2-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFL38N100Q2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFL38N100Q2 Datasheet HTML 1Page - IXYS Corporation IXFL38N100Q2 Datasheet HTML 2Page - IXYS Corporation IXFL38N100Q2 Datasheet HTML 3Page - IXYS Corporation IXFL38N100Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 1mA
1000
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.5
V
I
GSS
V
GS = ±30 V, VDS = 0V
± 200 nA
I
DSS
V
DS = VDSS
100
μA
V
GS = 0V
T
J = 125°C
5 mA
R
DS(on)
V
GS = 10V, ID = 19A, Note 1
280 m
Ω
DS99512A(05/08)
HiPerFETTM
Power MOSFET
Q2-Class
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, Low Intrinsic RG
High dV/dt, Low t
rr
IXFL38N100Q2
V
DSS
=
1000V
I
D25
=
29A
R
DS(on) ≤
≤≤≤≤
280m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤
300ns
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1000
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C29
A
I
DM
T
C = 25°C, pulse width limited by TJM
152
A
I
A
T
C = 25°C38
A
E
AS
T
C = 25°C5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
20
V/ns
P
D
T
C = 25°C
380
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
F
C
Mounting force
30..120/6.7..27
N/lbs
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
Weight
10
g
ISOPLUS264TM( IXFL)
G
D
S
Isolated Tab
G = Gate
D = Drain
S = Source
Features
Electrically isolated mounting tab
Double metal process for low gate
resistance
Unclamped Inductive Switching
(UIS) rated
Low package inductance
- easy to drive and to protect
Fast intrinsic diode
Applications
DC-DC converters
Switched-mode and resonant-mode
power supplies
DC choppers
Pulse generation
Laser drivers
Advantages
2500 V~ Electrical isolation
ISOPLUS 264TM package for clip or
spring mounting
Space savings
High power density


Similar Part No. - IXFL38N100Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFL38N100P IXYS-IXFL38N100P Datasheet
133Kb / 5P
Polar Power MOSFET HiPerFET
More results

Similar Description - IXFL38N100Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFB38N100Q2 IXYS-IXFB38N100Q2_08 Datasheet
132Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFK40N50Q2 IXYS-IXFK40N50Q2 Datasheet
180Kb / 5P
HiPerFET Power MOSFET Q2-Class
IXFL70N60Q2 IXYS-IXFL70N60Q2 Datasheet
141Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFL80N50Q2 IXYS-IXFL80N50Q2 Datasheet
141Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFN66N50Q2 IXYS-IXFN66N50Q2 Datasheet
127Kb / 5P
HiPerFET Power MOSFET Q2-Class
IXFN70N60Q2 IXYS-IXFN70N60Q2 Datasheet
116Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFR14N100Q2 IXYS-IXFR14N100Q2 Datasheet
118Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFR38N80Q2 IXYS-IXFR38N80Q2_08 Datasheet
112Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFR40N50Q2 IXYS-IXFR40N50Q2_08 Datasheet
123Kb / 5P
HiPerFET Power MOSFET Q2-Class
IXFR66N50Q2 IXYS-IXFR66N50Q2 Datasheet
118Kb / 4P
HiPerFET Power MOSFET Q2-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com