Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN38N100Q2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN38N100Q2
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN38N100Q2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN38N100Q2_08 Datasheet HTML 1Page - IXYS Corporation IXFN38N100Q2_08 Datasheet HTML 2Page - IXYS Corporation IXFN38N100Q2_08 Datasheet HTML 3Page - IXYS Corporation IXFN38N100Q2_08 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN38N100Q2
Note: 1. Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
miniBLOC, SOT-227 B Outline
M4 screws (4x) supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
38.00
38.23
1.496
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
IXYS MOSFETs and IGBTs are covered
4,835,592 4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1 6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1 6,534,343
6,710,405 B26,759,692
7,063,975 B2
4,881,106 5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B27,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ. Max.
g
fs
V
DS = 20V, ID = 0.5 • ID25 Note 1
24
40
S
C
iss
13.5
nF
C
oss
V
GS = 0 V, VDS = 25V, f = 1MHz
1035
pF
C
rss
180
pF
t
d(on)
Resistive Switching Time
25
ns
t
r
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
28
ns
t
d(off)
R
G = 1Ω (External)
57
ns
t
f
15
ns
Q
G(on)
250
nC
Q
GS
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
60
nC
Q
GD
105
nC
R
thJC
0.14
°C/W
R
thCK
0.05
°C/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ. Max.
I
S
V
GS = 0V
38
A
I
SM
Repetitive, pulse width limited by T
JM
152
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
300
ns
Q
RM
1.4
μC
I
RM
9A
I
F = 25A
-di/dt = 100 A/
μs
V
R = 100V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com