Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2123U Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2123U
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123U Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2123U Datasheet HTML 3Page - NXP Semiconductors PCF2123U Datasheet HTML 4Page - NXP Semiconductors PCF2123U Datasheet HTML 5Page - NXP Semiconductors PCF2123U Datasheet HTML 6Page - NXP Semiconductors PCF2123U Datasheet HTML 7Page - NXP Semiconductors PCF2123U Datasheet HTML 8Page - NXP Semiconductors PCF2123U Datasheet HTML 9Page - NXP Semiconductors PCF2123U Datasheet HTML 10Page - NXP Semiconductors PCF2123U Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
7 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.1.2 Power consumptions with respect to timer mode
Four source clocks are possible for the timer. The 4.096 kHz source clock will add the
greatest part to the power consumption. The selection of 64 Hz, 1 Hz, or 1
⁄
60 Hz will be
almost indistinguishable and add very little.
Configuration: CLKOUT disabled, VDD = 3 V, timer clock set to 1⁄60 Hz.
(1) IDD (nA) minimum power mode.
(2) Maximum value for RS is 100 kΩ.
Fig 5.
IDD with respect to quartz RS
Rs(2) (k
Ω)
0
100
80
40
60
20
001aai558
130
170
90
210
250
IDD(1)
(nA)
50
Configuration: CLKOUT disabled, quartz RS =15kΩ.
(1) IDD (nA) minimum power mode.
(2) Timer clock = 4 kHz.
(3) Timer clock = 64 Hz, 1 Hz, 1
⁄
60 Hz.
Fig 6.
IDD with respect to timer clock selection
VDD (V)
0
6
4
2
001aai559
200
100
300
400
IDD(1)
(nA)
0
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com