Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFR80N15Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR80N15Q
Description  HiPerFET Power MOSFETs ISOPLUS247
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR80N15Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR80N15Q Datasheet HTML 1Page - IXYS Corporation IXFR80N15Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
Isolated backside*
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
150
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
150
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C75
A
I
DM
T
C
= 25
°C, Note 1
320
A
I
AR
T
C
= 25
°C80
A
E
AR
T
C
= 25
°C45
mJ
E
AS
T
C
= 25
°C
1.5
J
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
310
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
Weight
5
g
ISOPLUS 247TM
HiPerFETTMPower MOSFETs
ISOPLUS247TM
(Electrically Isolated Backside)
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g,High dv/dt
Features
l Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
l Low drain to tab capacitance(<30pF)
l Low R
DS (on) HDMOS
TM process
l Rugged polysilicon gate cell structure
l Rated for Unclamped Inductive Load
Switching (UIS)
l Fast intrinsic Rectifier
Applications
l DC-DC converters
l Battery chargers
l Switched-mode and resonant-mode
power supplies
l DC choppers
l AC motor control
Advantages
l Easy assembly
l Space savings
l High power density
G = Gate
D = Drain
S = Source
* Patent pending
E153432
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250mA
150
V
V
GS(th)
V
DS = VGS, ID = 4mA
2.0
4.0 V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100 nA
I
DSS
V
DS
= V
DSS
T
J
= 25
°C
25
mA
V
GS = 0 V
T
J
= 125
°C1 mA
R
DS(on)
V
GS = 10 V, ID = IT
22.5 m
W
Notes 2, 3
Advanced Technical Information
98750 (10/00)
IXFR 80N15Q
V
DSS
= 150
V
I
D25
=75
A
R
DS(on)
= 22.5 m
W
t
rr £ 200ns


Similar Part No. - IXFR80N15Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR80N20Q IXYS-IXFR80N20Q Datasheet
39Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247, Q-Class
IXFR80N50P IXYS-IXFR80N50P Datasheet
155Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFR80N50Q3 IXYS-IXFR80N50Q3 Datasheet
150Kb / 5P
Power MOSFET Q3-Class
IXFR80N60P3 IXYS-IXFR80N60P3 Datasheet
148Kb / 5P
Polar3TM HiPerFETTM Power MOSFET
More results

Similar Description - IXFR80N15Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR30N50 IXYS-IXFR30N50 Datasheet
92Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR180N10 IXYS-IXFR180N10 Datasheet
33Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR100N25 IXYS-IXFR100N25 Datasheet
81Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR12N100F IXYS-IXFR12N100F Datasheet
91Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR90N30 IXYS-IXFR90N30 Datasheet
55Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR150N15 IXYS-IXFR150N15 Datasheet
38Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFG55N50 IXYS-IXFG55N50 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
IXFR21N100Q IXYS-IXFR21N100Q_03 Datasheet
115Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR32N50Q IXYS-IXFR32N50Q_04 Datasheet
558Kb / 4P
HiPerFET Power MOSFETs ISOPLUS247
IXFR180N07 IXYS-IXFR180N07 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com