Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGP12N60CD1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP12N60CD1
Description  HiPerFAST IGBT Lightspeed Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP12N60CD1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP12N60CD1 Datasheet HTML 1Page - IXYS Corporation IXGP12N60CD1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C24
A
I
C90
T
C
= 90
°C12
A
I
CM
T
C
= 25
°C, 1 ms
48
A
SSOA
V
GE
= 15 V, T
VJ = 125°C, RG = 33 Ω ICM = 24
A
(RBSOA)
Clamped inductive load, L = 300
µH
@ 0.8 V
CES
P
C
T
C
= 25
°C
100
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque with screw M3
0.45/4 Nm/lb.in.
Mounting torque with screw M3.5
0.55/5 Nm/lb.in.
Weight
4g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Features
• Very high frequency IGBT
• New generation HDMOSTM process
• Internationalstandardpackage
JEDEC TO-220AB and TO-263AA
• Highpeakcurrenthandlingcapability
Applications
• PFCcircuit
• AC motor speed control
• DC servo and robot drives
• Switch-modeandresonant-mode
power supplies
• Highpoweraudioamplifiers
Advantages
• Fastswitchingspeed
• High power density
98513C (2/02)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
µA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 250
µA, V
GE = VGE
2.5
5.0
V
I
CES
V
CE = 0.8
V
CES
T
J = 25°C
200
µA
V
GE = 0 V
T
J = 125°C
1.5
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100 nA
V
CE(sat)
I
C
= I
CE90, VGE = 15 V
2.1
2.7
V
HiPerFASTTM IGBT
LightspeedTM Series
V
CES
= 600 V
I
C25
=
24 A
V
CE(sat)
=
2.7 V
t
fi(typ)
= 55 ns
IXGA 12N60CD1
IXGP 12N60CD1
TO-220 AB
(IXGP)
G = Gate
C
= Collector
E = Emitter
TAB = Collector
E
C
G
G
E
TO-263 (IXGA)
C (TAB)


Similar Part No. - IXGP12N60CD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP12N60C IXYS-IXGP12N60C Datasheet
96Kb / 4P
HiPerFAST IGBT
More results

Similar Description - IXGP12N60CD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N60CD1 IXYS-IXGH24N60CD1 Datasheet
103Kb / 5P
HiPerFAST IGBT with Diode Lightspeed Series
IXGH32N60C IXYS-IXGH32N60C Datasheet
117Kb / 4P
HiPerFAST IGBT Lightspeed Series
IXGA24N60C IXYS-IXGA24N60C Datasheet
100Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH24N60C IXYS-IXGH24N60C Datasheet
56Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGA7N60C IXYS-IXGA7N60C Datasheet
79Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH12N90C IXYS-IXGH12N90C Datasheet
37Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH12N60C IXYS-IXGH12N60C Datasheet
59Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGH12N90C IXYS-IXGH12N90C_03 Datasheet
148Kb / 4P
HiPerFAST IGBT Lightspeed Series
IXGH40N60C IXYS-IXGH40N60C Datasheet
129Kb / 2P
HiPerFAST IGBT Lightspeed Series
IXGK120N60C2 IXYS-IXGK120N60C2 Datasheet
193Kb / 6P
HiPerFAST IGBT Lightspeed 2 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com