Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA30N60C3 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXGA30N60C3
Description  GenX3 600V IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA30N60C3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXGA30N60C3 Datasheet HTML 1Page - IXYS Corporation IXGA30N60C3 Datasheet HTML 2Page - IXYS Corporation IXGA30N60C3 Datasheet HTML 3Page - IXYS Corporation IXGA30N60C3 Datasheet HTML 4Page - IXYS Corporation IXGA30N60C3 Datasheet HTML 5Page - IXYS Corporation IXGA30N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions.
IXGA30N60C3 IXGP30N60C3
IXGH30N60C3
IXYS REF: G_30N60C3(4D) 7-25-08
Fig. 19. Inductive Turn-on
Switching Times vs. Collector Current
0
10
20
30
40
50
60
70
10
15
20
25
30
35
40
IC - Amperes
10
12
14
16
18
20
22
24
t r
td(on) - - - -
RG = 5Ω , VGE = 15V
VCE = 300V
TJ = 125ºC
TJ = 25ºC
Fig. 20. Inductive Turn-on
Switching Times vs. Junction Temperature
15
20
25
30
35
40
45
50
55
60
65
70
75
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
15
16
17
18
19
20
21
t r
td(on) - - - -
RG = 5Ω , VGE = 15V
VCE = 300V
I C = 20A
I C = 40A
Fig. 18. Inductive Turn-on
Switching Times vs. Gate Resistance
10
20
30
40
50
60
70
80
90
4
6
8
10
12
141618
20
RG - Ohms
14
16
18
20
22
24
26
28
30
t r
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 300V
I C = 20A
I C = 40A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com