Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA42N30C3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGA42N30C3
Description  GenX3 300V IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA42N30C3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGA42N30C3 Datasheet HTML 1Page - IXYS Corporation IXGA42N30C3 Datasheet HTML 2Page - IXYS Corporation IXGA42N30C3 Datasheet HTML 3Page - IXYS Corporation IXGA42N30C3 Datasheet HTML 4Page - IXYS Corporation IXGA42N30C3 Datasheet HTML 5Page - IXYS Corporation IXGA42N30C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGA42N30C3 IXGH42N30C3
IXGP42N30C3
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C
= 0.5 • I
C110, VCE = 10V, Note 1
20
33
S
C
ies
2140
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
218
pF
C
res
60
pF
Q
g
76
nC
Q
ge
I
C = IC110, VGE = 15V, VCE = 0.5 • VCES
15
nC
Q
gc
26
nC
t
d(on)
21
ns
t
ri
23
ns
E
on
0.12
mJ
t
d(off)
113
170
ns
t
fi
65
120
ns
E
off
0.15
0.28
mJ
t
d(on)
21
ns
t
ri
22
ns
E
on
0.21
mJ
t
d(off)
127
ns
t
fi
102
ns
E
off
0.20
mJ
R
thJC
0.56
°C/W
R
thCK
TO-220
0.50
°C/W
TO-247
0.25
°C/W
Inductive Load, T
J = 125°
°°°°C
I
C = 0.5 • IC110, VGE = 15V
V
CE = 200V, RG = 10Ω
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
Inductive Load, T
J = 25°
°°°°C
I
C = 0.5 • IC110, VGE = 15V
V
CE = 200V, RG = 10Ω
Pins: 1 - Gate
2 - Drain
TO-220 (IXGP) Outline
TO-263 (IXGA) Outline
Note1. Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com