Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA48N60C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGA48N60C3
Description  GenX3 600V IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA48N60C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGA48N60C3 Datasheet HTML 1Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 2Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 3Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 4Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 5Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2009 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
C = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C, RGE = 1MΩ
600
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C ( Limited by Leads)
75
A
I
C110
T
C = 110°C
48
A
I
CM
T
C = 25°C, 1ms
250
A
I
A
T
C = 25°C
30
A
E
AS
T
C = 25°C
300
mJ
SSOA
V
GE = 15V, TVJ = 125°C, RG = 3Ω
I
CM = 100
A
(RBSOA)
Clamped Inductive Load @
≤ 600V
P
C
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10 Seconds
260
°C
M
d
Mounting Torque (TO-247&TO-220)
1.13/10
Nm/lb.in.
Weight
TO-247
6.0
g
TO-220
3.0
g
TO-263
2.5
g
DS99953A(01/09)
IXGA48N60C3
IXGH48N60C3
IXGP48N60C3
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
600
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.5
V
I
CES
V
CE = VCES
25
μA
V
GE = 0V
T
J = 125°C
250
μA
I
GES
V
CE = 0V, VGE = ± 20V
±100 nA
V
CE(sat)
I
C
= 30A, V
GE = 15V, Note 1
2.3
2.5
V
T
J = 125°C
1.8
V
V
CES
= 600V
I
C110
= 48A
V
CE(sat) ≤
≤≤≤≤ 2.5V
t
fi(typ)
= 38ns
GenX3TM 600V IGBT
High Speed PT IGBTs for
40-100kHz switching
Features
Optimized for Low Switching Losses
Square RBSOA
Avalanche Rated
Fast Switching
International Standard Packages
Advantages
High Power Density
Low Gate Drive Requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
G = Gate
C
= Collector
E = Emitter
TAB = Collector
TO-220 (IXGP)
TO-263 (IXGA)
G
E
TO-247 (IXGH)
(TAB)
G
C
E
(TAB)
G
E
C
(TAB)


Similar Part No. - IXGA48N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
247Kb / 7P
High-Speed PT IGBTs for 40-100kHz Switching
More results

Similar Description - IXGA48N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA30N60C3 IXYS-IXGA30N60C3 Datasheet
281Kb / 6P
GenX3 600V IGBT
IXGA36N60A3 IXYS-IXGA36N60A3 Datasheet
227Kb / 6P
GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
GenX3 600V IGBT
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
GenX3 600V IGBT
IXGH56N60B3 IXYS-IXGH56N60B3 Datasheet
187Kb / 6P
GenX3 600V IGBT
IXGH56N60B3D1 IXYS-IXGH56N60B3D1 Datasheet
206Kb / 7P
GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
GenX3 600V IGBT
IXGH64N60A3 IXYS-IXGH64N60A3 Datasheet
200Kb / 6P
GenX3 600V IGBT
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
180Kb / 6P
GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com