Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA431SAMF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA431SAMF
Description  Programmable Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431SAMF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA431SAMF Datasheet HTML 1Page - Fairchild Semiconductor KA431SAMF Datasheet HTML 2Page - Fairchild Semiconductor KA431SAMF Datasheet HTML 3Page - Fairchild Semiconductor KA431SAMF Datasheet HTML 4Page - Fairchild Semiconductor KA431SAMF Datasheet HTML 5Page - Fairchild Semiconductor KA431SAMF Datasheet HTML 6Page - Fairchild Semiconductor KA431SAMF Datasheet HTML 7Page - Fairchild Semiconductor KA431SAMF Datasheet HTML 8Page - Fairchild Semiconductor KA431SAMF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.7
Features
• Programmable Output Voltage to 36 Volts
• Low Dynamic Output Impedance 0.2Ω Typical
• Sink Current Capability of 1.0 to 100mA
• Equivalent Full-Range Temperature Coefficient of
50ppm/
°C Typical
• Temperature Compensated for Operation Over Full Rated
Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response
Description
The KA431S/KA431SA/KA431SL are three-terminal
adjustable regulator series with a guaranteed thermal
stability over applicable temperature ranges. The output
voltage may be set to any value between VREF
(approximately 2.5 volts) and 36 volts with two external
resistors These devices have a typical dynamic output
impedance of 0.2Ω. Active output circuitry provides a very
sharp turn on characteristic, making these devices excellent
replacement for zener diodes in many applications.
SOT-23F
1
2
3
MF-
1.Cathode 2. Ref 3. Anode
MF2- 1. Ref 2. Cathode 3. Anode
Internal Block Diagram
2.5 Vref
CATHODE
ANODE
REFERENCE
ANODE(A)
REFERENCE (R)
CATHODE (K)
+
-
KA431S/KA431SA/KA431SL
Programmable Shunt Regulator


Similar Part No. - KA431SAMF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431SAMF FAIRCHILD-KA431SAMF Datasheet
106Kb / 10P
Programmable Shunt Regulator
KA431SAMF2 FAIRCHILD-KA431SAMF2 Datasheet
106Kb / 10P
Programmable Shunt Regulator
logo
Diodes Incorporated
KA431SAMF2TF DIODES-KA431SAMF2TF Datasheet
110Kb / 10P
Programmable Shunt Regulator
Rev 1.0.7
logo
Fairchild Semiconductor
KA431SAMF2TF FAIRCHILD-KA431SAMF2TF Datasheet
237Kb / 10P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431SAMF2TF ONSEMI-KA431SAMF2TF Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results

Similar Description - KA431SAMF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
Programmable Shunt Regulator
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com