Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA431SAMF2 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA431SAMF2
Description  Programmable Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431SAMF2 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA431SAMF2 Datasheet HTML 2Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 3Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 4Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 5Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 6Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 7Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 8Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 9Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
KA431S/KA431SA/KA431SL
6
Typical Performance Characteristics (Continued)
100p
1n
10n
100n
1
10
0
20
40
60
80
100
120
140
B
A
A V
KA = Vref
B V
KA = 5.0 V @ IK = 10mA
T
A = 25
oC
C
L, LOAD CAPACITANCE
Figure 10. Stability Boundary Conditions
Figure 11. Anode-Reference Diode Curve
Figure 12. Reference-Cathode Diode Curve
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
5
Anode-Ref. Voltage(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
5
Ref.-Cathode Voltage(V)
stable
stable



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com