Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA50N60B4 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGA50N60B4
Description  High-Gain IGBTs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA50N60B4 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGA50N60B4 Datasheet HTML 1Page - IXYS Corporation IXGA50N60B4 Datasheet HTML 2Page - IXYS Corporation IXGA50N60B4 Datasheet HTML 3Page - IXYS Corporation IXGA50N60B4 Datasheet HTML 4Page - IXYS Corporation IXGA50N60B4 Datasheet HTML 5Page - IXYS Corporation IXGA50N60B4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA50N60B4 IXGP50N60B4
IXGH50N60B4
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = I
C110, VCE = 10V, Note 1
20
30
S
C
ies
1860
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
105
pF
C
res
60
pF
Q
g
110
nC
Q
ge
I
C = I
C110, VGE = 15V, VCE = 0.5 • VCES
13
nC
Q
gc
43
nC
t
d(on)
37
ns
t
ri
68
ns
E
on
0.93
mJ
t
d(off)
330
ns
t
fi
80
ns
E
off
1.00
1.80
mJ
t
d(on)
31
ns
t
ri
45
ns
E
on
0.94
mJ
t
d(off)
280
ns
t
fi
220
ns
E
off
1.90
mJ
R
thJC
0.43 °C/W
R
thCS
TO-247
0.21
°C/W
TO-220
0.50
°C/W
Inductive Load, T
J = 125°C
I
C = 36A, VGE = 15V
V
CE = 400V, RG = 10Ω
Note 2
Inductive Load, T
J = 25°C
I
C = 36A, VGE = 15V
V
CE = 400V, RG = 10Ω
Note 2
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-247 Outline
1
2
3
Terminals: 1 - Gate
2 - Collector
3 - Emitter
TO-263 Outline
Pins: 1 - Gate
2 - Drain
TO-220 Outline
1 = Gate
2 = Collector
3 = Emitter
4 = Collector
1 = Gate
2 = Collector
3 = Emitter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com