Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP41B-BFS Datasheet(PDF) 3 Page - Cree, Inc

Part # CP41B-BFS
Description  P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-BFS Datasheet(HTML) 3 Page - Cree, Inc

  CP41B-BFS_2 Datasheet HTML 1Page - Cree, Inc CP41B-BFS_2 Datasheet HTML 2Page - Cree, Inc CP41B-BFS_2 Datasheet HTML 3Page - Cree, Inc CP41B-BFS_2 Datasheet HTML 4Page - Cree, Inc CP41B-BFS_2 Datasheet HTML 5Page - Cree, Inc CP41B-BFS_2 Datasheet HTML 6Page - Cree, Inc CP41B-BFS_2 Datasheet HTML 7Page - Cree, Inc CP41B-BFS_2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT868.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree LED are registered trademarks of Cree, Inc.
Flux Bin Limit (I
F = 30 mA)
Blue
Bin Code
Min.(mlm)
Max.(mlm)
F0
1650
2200
G0
2200
2750
H0
2750
3300
Green
Bin Code
Min.(mlm)
Max.(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
• Tolerance of measurement of luminous Flux is ±15%
Color Bin Limit (I
F = 30 mA)
VF Bin Limit (I
F = 30 mA)
• Tolerance of measurement of dominant wavelength is ±1 nm
Green
Bin Code
Min.(V)
Max.(V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
2d
4.0
4.2
2e
4.2
4.4
• Tolerance of measurement of VF is ± 0.05V
Green
Bin Code
Min.(nm)
Max.(nm)
G6
515
520
G7
520
525
G8
525
530
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B4
465
470
B5
470
475
Blue
Bin Code
Min.(V)
Max.(V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
2d
4.0
4.2
2e
4.2
4.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com