Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP41B-BFS Datasheet(PDF) 2 Page - Cree, Inc

Part # CP41B-BFS
Description  P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-BFS Datasheet(HTML) 2 Page - Cree, Inc

  CP41B-BFS Datasheet HTML 1Page - Cree, Inc CP41B-BFS Datasheet HTML 2Page - Cree, Inc CP41B-BFS Datasheet HTML 3Page - Cree, Inc CP41B-BFS Datasheet HTML 4Page - Cree, Inc CP41B-BFS Datasheet HTML 5Page - Cree, Inc CP41B-BFS Datasheet HTML 6Page - Cree, Inc CP41B-BFS Datasheet HTML 7Page - Cree, Inc CP41B-BFS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
CLD-CT868.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree LED are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Blue/Green
Forward Current
I
F
35
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
154
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 5 sec. max.
(3 mm from the base of the epoxy bulb)
Note: Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Blue/Green
V
F
I
F = 30 mA
V
3.6
4.4
Reverse Current
Blue/Green
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Blue
λ
D
I
F = 30 mA
nm
460
470
475
Green
λ
D
I
F = 30 mA
nm
515
527
535
Luminous Flux
Blue
Φ
v
I
F = 30 mA
mlm
1650
2500
Green
Φ
v
I
F = 30 mA
mlm
4400
6500
50% Power Angle
Blue/Green
2θ½
I
F = 30 mA
deg
70



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com