Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH40N60C Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH40N60C
Description  HiPerFAST IGBT Lightspeed Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH40N60C Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH40N60C Datasheet HTML 1Page - IXYS Corporation IXGH40N60C Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 40N60C
IXGT 40N60C
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715 6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C110; VCE = 10 V,
30
40
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
3300
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
310
pF
C
res
65
pF
Q
g
116
nC
Q
ge
I
C = IC110, VGE = 15 V, VCE = 0.5 VCES
23
nC
Q
gc
55
nC
t
d(on)
25
ns
t
ri
30
ns
t
d(off)
100
150
ns
t
fi
75
150
ns
E
off
0.85
1.7 mJ
t
d(on)
25
ns
t
ri
35
ns
E
on
0.40
mJ
t
d(off)
50
ns
t
fi
105
ns
E
off
1.2
mJ
R
thJC
0.50 K/W
R
thCK
(IXGH40N60C)
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = IC110, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 4.7 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Inductive load, T
J = 125°
°°°°C
I
C = IC110, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 4.7 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-268 Outline
Min. Recommended Footprint
(Dimensions in inches and mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com