Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH60N30C3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH60N30C3
Description  GenX3 300V IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH60N30C3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH60N30C3 Datasheet HTML 1Page - IXYS Corporation IXGH60N30C3 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH60N30C3
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C
= 0.5 • I
C110, VCE = 10V
28
46
S
Pulse test, t
≤ 300µs; duty cycle, d ≤ 2%.
C
ies
3800
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
240
pF
C
res
63
pF
Q
g
101
nC
Q
ge
I
C
= I
C110, VGE = 15V, VCE = 0.5 • VCES
21
nC
Q
gc
37
nC
t
d(on)
23
ns
t
ri
28
ns
E
on
0.15
mJ
t
d(off)
108
160
ns
t
fi
68
ns
E
off
0.30
0.55
mJ
t
d(on)
22
ns
t
ri
28
ns
E
on
0.26
mJ
t
d(off)
120
ns
t
fi
101
ns
E
off
0.40
mJ
R
thJC
0.42
°C/W
R
thCK
0.21
°C/W
Inductive Load, T
J = 125°
°°°°C
I
C = 0.5 • IC110, VGE = 15V
V
CE = 200V, RG
= 5
Ω
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2
6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Inductive Load, T
J = 25°
°°°°C
I
C = 0.5 • IC110, VGE = 15V
V
CE = 200V, RG
= 5
Ω
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com