Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK401-080 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK401-080
Description  AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-080 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK401-080 Datasheet HTML 1Page - Sanyo Semicon Device STK401-080 Datasheet HTML 2Page - Sanyo Semicon Device STK401-080 Datasheet HTML 3Page - Sanyo Semicon Device STK401-080 Datasheet HTML 4Page - Sanyo Semicon Device STK401-080 Datasheet HTML 5Page - Sanyo Semicon Device STK401-080 Datasheet HTML 6Page - Sanyo Semicon Device STK401-080 Datasheet HTML 7Page - Sanyo Semicon Device STK401-080 Datasheet HTML 8Page - Sanyo Semicon Device STK401-080 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Operating Characteristics at Ta = 25°C, RL = 6 Ω, Rg = 600 Ω, VG = 40dB, RL (non-inductive)
Internal Equivalent Circuit
Notes
• Use rated power supply for test unless otherwise specified.
• When measuring permissible load short time and output noise voltage use transformer power supply indicated below.
• Output noise voltage is represented by the peak value rms (VTVM) for mean reading. Use an AC stabilized power
supply (50 Hz) on the primary side to eliminate the effect of AC flicker noise.
No. 4341-2/9
STK401-020
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
VCC ± 24 V
20
60
100
mA
Output power
Po (1)
VCC ± 20 V, f = 20 to 20 kHz, THD = 0.4%
15
20
W
Po (2)
VCC ± 16 V, f = 1 kHz, THD = 1.0%, RL = 3 Ω
15
20
W
Total harmonic distortion
THD (1)
VCC ± 20 V, f = 20 to 20 kHz, PO= 1.0 W
0.4
%
THD (2)
VCC ± 20 V, f = 1 kHz, PO= 5.0 W
0.02
%
+0
Frequency response
fL, fH
VCC ± 20 V, PO= 1.0 W, –3 dB
20 to 50 k
Hz
Input impedance
ri
VCC ± 20 V, f = 1 kHz, PO= 1.0 W
55
k
Ω
Output noise voltage
VNO
VCC ± 24 V, Rg = 10 kΩ
1.2
mVrms
Neutral voltage
VN
VCC ± 24 V
–70
0
70
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com